Electronic Components Datasheet Search
  English  ▼

X  

SP6681 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6681
Description  High Efficiency Boost Charge Pump Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6681 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6681 Datasheet HTML 1Page - Sipex Corporation SP6681 Datasheet HTML 2Page - Sipex Corporation SP6681 Datasheet HTML 3Page - Sipex Corporation SP6681 Datasheet HTML 4Page - Sipex Corporation SP6681 Datasheet HTML 5Page - Sipex Corporation SP6681 Datasheet HTML 6Page - Sipex Corporation SP6681 Datasheet HTML 7Page - Sipex Corporation SP6681 Datasheet HTML 8Page - Sipex Corporation SP6681 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Rev:A Date: 11/20/03
SP6681 High Efficiency Boost Charge Pump Regulator
© Copyright 2002 Sipex Corporation
High Efficiency Boost Charge Pump Regulator
SP6681
FEATURES
■ Ideal for Li Ion or 3V to 5V Conversion
■ Low Profile, Inductorless Regulator
■ Up To 96% Power Efficiency
■ +2.7V to +5.5V Input Voltage Range
■ 5.0V, 50mA Output, 4% Accuracy
■ Low EMI Design
■ Low Quiescent Current: 175µA
■ Low Shutdown Current: 4µA
■ Optional External Clock: 32.768kHz
■ Thermal Shutdown Protection
■ Programmable Frequencies:
8.192kHz, 32.768kHz, or 262.14kHz
■ Internal Oscillator: 16kHz or 130kHz,
when CLK Pin Is Held High
■ Ultra small 10-Pin MSOP Package
DESCRIPTION
The SP6681 is a charge pump ideal for converting a +3.6V Li-Ion battery input to a +5.0V
regulated output. An input voltage range of +2.7V to +5.5V is converted to a regulated output
of 5.0V. The SP6681 device will operate at three different switching frequencies correspond-
ing to three different output resistances and load current ranges. An external 32.768kHz
nominal clock signal is used to produce three synchronized pump frequencies through the use
an internal phase lock loop to drive the charge pump. Two control inputs can adjust the internal
pump frequency on the fly to 8.192kHz (f
INPUT / 4), 32.768kHz (fINPUT x 1), or 262.14kHz (fINPUT
x 8). The charge pump configuration dynamically changes to optimize power efficiency. At
low input voltages the charge pump doubles the input while at higher inputs the output is 1.5
times the input. The SP6681 can deliver high power efficiencies up to 96% with low quiescent
currents from 175µA to 800µA. The SP6681 is offered in a 10-Pin µSOIC package.
®
V
OUT
C/4
Cx8
CLK
GND
SP6681
8
CF1P
CF1N
CF2P
CF2N
4.7µF
2.2µF
2
9
10
7
1
6
45
3
+3.6V
Lithium-Ion
Battery
+5.0V output
V
IN
2.2µF
2.2µF
*All Capacitors Are Ceramic
APPLICATIONS
■ GSM SIM Card Power Supplies
■ 3V to 5V Boost Applications
■ Li Ion to 5.0V Boost Applications
■ White LED Driver
■ Smart Card Readers


Similar Part No. - SP6681

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680EB SIPEX-SP6680EB Datasheet
394Kb / 5P
Evaluation Board Manual
SP6680EU SIPEX-SP6680EU Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680EU SIPEX-SP6680EU Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
More results

Similar Description - SP6681

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
High Efficiency Buck/Boost Charge Pump Regulator
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Sipex Corporation
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
High Efficiency Charge Pump Regulator for White LEDs
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
High Efficiency White LED Charge Pump Regulator
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com