Electronic Components Datasheet Search
  English  ▼

X  

SP6681 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6681
Description  High Efficiency Boost Charge Pump Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6681 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6681 Datasheet HTML 1Page - Sipex Corporation SP6681 Datasheet HTML 2Page - Sipex Corporation SP6681 Datasheet HTML 3Page - Sipex Corporation SP6681 Datasheet HTML 4Page - Sipex Corporation SP6681 Datasheet HTML 5Page - Sipex Corporation SP6681 Datasheet HTML 6Page - Sipex Corporation SP6681 Datasheet HTML 7Page - Sipex Corporation SP6681 Datasheet HTML 8Page - Sipex Corporation SP6681 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Rev:A Date: 11/20/03
SP6681 High Efficiency Boost Charge Pump Regulator
© Copyright 2002 Sipex Corporation
PIN ASSIGNMENTS
Pin 1— V
OUT — 5.0V regulated charge pump.
Pin 2 — CF1P — Positive terminal to the charge
pump flying capacitor, CF1.
Pin 3 — V
IN — Input pin for the +2.7V to +5.5V
supply voltage.
Pin 4 — C/4 — This is a control line for the
internal charge pump frequency. When this
control line is forced to a logic high, the
internal charge pump frequency is set to 1/
4 of
the CLK frequency, provided that Cx8 is
low.
Pin 5 — Cx8 — This is a control line for the
internal charge pump frequency. When this
control line is forced to a logic high, the
internal charge pump frequency is set to x8 of
the CLK frequency.
Pin 6 — CLK — 32.768kHz Clock. Connect
this input pin to an external 32.768kHz clock
PINOUT
to drive the frequency of the charge pump.
Logic low inputs on the C/4 and Cx8 pins sets
the internal charge pump frequency accord-
ing to Table 1.
Shutdown mode for the
device is set when there is no clock signal
present on this input pin, or when it is pulled
to ground.
Pin 7 — CF2N — Negative terminal to the
charge pump flying capacitor, CF2.
Pin 8 — GND — Ground reference.
Pin 9 — CF2P — Positive terminal to the charge
pump flying capacitor, CF2.
Pin 10 — CF1N — Negative terminal to the
charge pump flying capacitor, CF2.
C/4
VIN
VOUT
CLK
GND
SP6681
8
7
4
3
2
1
5
6
9
10
Cx8
CF1P
CF2P
CF1N
CF2N



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com