Electronic Components Datasheet Search
  English  ▼

X  

M02009 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # M02009
Description  Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02009 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button M02009 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Functional Description
02009-DSH-001-D
Mindspeed Technologies™
8
Mindspeed Proprietary and Confidential
Figure 1-6.
TO-Can Assembly Diagram
M02009
Ceramic Shim
Submount
TO Can Leads
(x 4or 5)
PIN
Diode
Wire Bond
TO-CAN Header
M02009
Ceramic Shim
Submount
TO Can Leads
(x 4or 5)
PIN
Diode
Wire Bond
TO-CAN Header
NOT Recommended
Example
Recommended
Example
Capacitor
470
pF
470
pF
Capacitor
Metal Shim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com