Electronic Components Datasheet Search
  English  ▼

X  

M02009 Datasheet(PDF) 18 Page - M/A-COM Technology Solutions, Inc.

Part # M02009
Description  Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02009 Datasheet(HTML) 18 Page - M/A-COM Technology Solutions, Inc.

Back Button M02009 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
02009-DSH-001-D
Mindspeed Technologies™
13
Mindspeed Proprietary and Confidential
© 2004, Mindspeed TechnologiesTM, Inc. All rights reserved.
Information in this document is provided in connection with Mindspeed TechnologiesTM ("MindspeedTM") products.
These materials are provided by Mindspeed as a service to its customers and may be used for informational pur-
poses only. Except as provided in Mindspeed’s Terms and Conditions of Sale for such products or in any sepa-
rate agreement related to this document, Mindspeed assumes no liability whatsoever. Mindspeed assumes no
responsibility for errors or omissions in these materials. Mindspeed may make changes to specifications and prod-
uct descriptions at any time, without notice. Mindspeed makes no commitment to update the information and shall
have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to its specifications
and product descriptions. No license, express or implied, by estoppel or otherwise, to any intellectual property
rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MINDSPEED PRODUCTS INCLUDING LIABILITY OR WAR-
RANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR INCIDENTAL
DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLEC-
TUAL PROPERTY RIGHT. MINDSPEED FURTHER DOES NOT WARRANT THE ACCURACY OR COMPLETE-
NESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE
MATERIALS. MINDSPEED SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR CONSE-
QUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS, WHICH
MAY RESULT FROM THE USE OF THESE MATERIALS.
Mindspeed products are not intended for use in medical, lifesaving or life sustaining applications. Mindspeed cus-
tomers using or selling Mindspeed products for use in such applications do so at their own risk and agree to fully
indemnify Mindspeed for any damages resulting from such improper use or sale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com