Electronic Components Datasheet Search
  English  ▼

X  

M02009 Datasheet(PDF) 16 Page - M/A-COM Technology Solutions, Inc.

Part # M02009
Description  Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02009 Datasheet(HTML) 16 Page - M/A-COM Technology Solutions, Inc.

Back Button M02009 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
11
Mindspeed Technologies™
02009-DSH-001-D
Mindspeed Proprietary and Confidential
M02009 Data Sheet
2.4
AC Characteristics
Table 2-4.
AC Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
ROUT
Output impedance (single ended) 3
30
45
60
Ω
INOISE
Total integrated input referred RMS noise1,2,8
50
70
91
nA
G
Small signal Transimpedance 3, 4
Single ended
Diffferential
14
28
18
36
23
46
K
Ω
BW
Bandwidth (-3dB point optical) 1, 5, 8
340
400
460
MHz
PSSR
Power Supply Rejection Ratio (<4 MHz) 8
27
30
31
dB
VD
Differential output voltage 3, 8
600
800
1000
mV
LF cutoff
Lower frequency cutoff (-3 dB corner) 8
-40
50
KHz
OSPULSE
Pulse overshoot 1, 8, 9
-13
20
%
TPWD
Pulse width distortion 1, 8
-3
8
%
TAGC
AGC Time constant 6, 8, 11
-32
1800
us
Jitter
Jitter 1, 8, 9
-
145
200
ps, p-p
PIN(mean), min
Optical Sensitivity 1,2,8
--32
-
dBm
I max
Input Overload Current
-
-
4.5
mApp
NOTES:
1.
Measured with input capacitance, CIN = 0.7 pF
2.
Assuming a photodiode responsivity of 0.9 A/W, at an extinction ratio of 10 dB and BER of 10-10 BW=415 MHz
3.
The MC2009 is designed to drive a load >500
Ω.
4.
Measured at 1 MHz, 1 uA
5.
Measured at -30 dBm
6.
AGC time constant can be increased by adding a capacitor from AGC pad to ground
7.
Worst case occurs at the AGC knee point. This corresponds to appoximate optical power levels in the range of -20 dBm to -25 dBm.
8.
Guaranteed by design and characterization.
9.
Optical input >= -20 dBm.
10. Die are tested and guaranteed at 25 °C, however are characterized to operate over the whole temperature range.
11. For a 30 db input signal change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com