Electronic Components Datasheet Search
  English  ▼

X  

M02094 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # M02094
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button M02094 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Pin Description
02094-DSH-001-C
Mindspeed Technologies™
13
Mindspeed Proprietary and Confidential
7
RESET
Safety circuit reset. Leave open for normal operation or add a capacitor to
ground to extend the reset time.
Connect to GND to disable window comparators at APCSET
8
DISDLY
Disable delay control. Connect to ground for normal operation.
In burst mode operation add a capacitor from this pin to ground to set the
maximum disable time. Disable times greater than this maximum will engage the
“slow-start” circuitry.
9
MODMON
Modulation Current Monitor. Connect to a resistor to GND.
The current through this pin is typically 1/50th of the MODULATION current to
the laser when CCSEL is low or 1/25th the MODULATION current when CCSEL is
high.
This pin may be left open if the feature is not needed and the M02094 current
consumption will be reduced by 0.5mA typically.
Table 2-1.
Pin Definitions
Pin
Number
Pin Name
Pin equivalent load
Function
RESET
190
Ω
V
CC
VCC3
DISDLY
190
Ω
VCC
190
Ω
MODMON
VCC
VCC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com