Electronic Components Datasheet Search
  English  ▼

X  

M02094 Datasheet(PDF) 16 Page - M/A-COM Technology Solutions, Inc.

Part # M02094
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094 Datasheet(HTML) 16 Page - M/A-COM Technology Solutions, Inc.

Back Button M02094 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
16
Mindspeed Technologies™
02094-DSH-001-C
Mindspeed Proprietary and Confidential
M02094 Data Sheet
16
OUT+
Positive modulation current output (AC or DC coupled to cathode of laser in
common anode designs). Sinks current when DIN+ is HIGH.
Maintain a voltage > 0.7V at this pin.
17
OUT-
See OUT+ drawing
Negative modulation current output (AC coupled to anode of laser in common
cathode designs). Sinks current when DIN- is HIGH
Maintain a voltage > 0.7V at this pin.
18
SVCC (CCSEL =
low)
Switched VCC. Supplies laser current for common anode designs. (CCSEL must
be LOW).
Provides redundant shutdown during a disable or fault condition. This switch is
disabled during common cathode operation.
IBOUTCC
(CCSEL =
high)
Laser bias current output for common cathode laser designs (CCSEL must be
high).
Connect directly to laser anode or at higher bit rates through a ferrite or a
resistor to isolate the capacitance of this pin from the modulation drive.
Maintain a voltage of < 2.5V at this pin.
Table 2-1.
Pin Definitions
Pin
Number
Pin Name
Pin equivalent load
Function
OUT+
V
CC
GND0
SV
CC
VCC
V
CC3
VCC
V
CC3
IBOUT
CC
12 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com