Electronic Components Datasheet Search
  English  ▼

X  

M02094 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M02094
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02094 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02094 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
ii
Mindspeed Technologies™
02094-DSH-001-C
Mindspeed Proprietary and Confidential
M02094 Data Sheet
VCC
DIN+
DIN-
VCC3SEL
FAIL
IPIN
GND0
OUT+
OUT-
SVCC/
IBOUTCC
IBOUT
CA/
SGND
DIS
1
6
712
13
18
19
24
\
GND, connect to
PCB ground
4 X 4 mm
Ordering Information
Part Number
Package
Operating Temperature
M02094-11 *
QFN24
M02094-EVM
Combination Electrical and Optical Evaluation board
* The letter “G” designator after the part number indicates that the device is RoHS-compliant. Refer to www.mindspeed.com for additionalinformation.
Revision History
Revision
Level
Date
ASIC
Revision
Description
A
Advance
October 2003
x
Advance.
B
Preliminary
March 2004
x
Preliminary release.
C
Released
March 2005
x
Released. New datasheet format. Changes to Absolute Maximum Ratings, Operating
Temperature, AC and DC specifications. New section on video operation.
Pin Configuration
Typical Electrical Eye Diagram, Common Anode Mode
Typical Electrical Eye Diagram,
Common Cathode Mode with Peaking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com