Electronic Components Datasheet Search
  English  ▼

X  

LP8557 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP8557
Description  High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8557 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 16Page - Texas Instruments LP8557 Datasheet HTML 17Page - Texas Instruments LP8557 Datasheet HTML 18Page - Texas Instruments LP8557 Datasheet HTML 19Page - Texas Instruments LP8557 Datasheet HTML 20Page - Texas Instruments LP8557 Datasheet HTML 21Page - Texas Instruments LP8557 Datasheet HTML 22Page - Texas Instruments LP8557 Datasheet HTML 23Page - Texas Instruments LP8557 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
Feature Description (continued)
8.3.6.4 Thermal Shutdown
If the internal temperature reaches 150°C, the deviceimmediately shuts down the backlight to protect it from
damage. The TSD bit is also set in the STATUS register. The device re-activates the backlight again when the
internal temperature drops below 130°C.
8.3.6.5 Boost Overcurrent Protection
The device automatically limits boost current to 2.4 A . When the 2.4-A limit is reached the BST_OCP bit is set in
the STATUS register. It is normal for the device to trigger the boost current limit during the start-up or sudden
brightness changes. The STATUS register can be cleared by reading the bit. If the bit is permanently set, it may
indicate an issue in the application.
8.3.6.6 Boost Overvoltage Protection
The device automatically limits boost voltage to VBOOST_MAX + 1.6 V. When the limit is reached the BST_OVP
bit is set in the STATUS register. It is normal for the device to trigger the boost OVP limit during the start-up or
sudden brightness changes. The status register can be cleared by reading the bit. If the bit is permanently set, it
may indicate an issue in the application.
8.3.6.7 Boost Undervoltage Protection
The device can detect when the boost voltage is below VBOOST – 2.5 V for longer than 6 ms. When the
threshold is reached the BST_UV bit is set in the STATUS register.
8.4 Device Functional Modes
8.4.1 Shutdown Mode
The device is in shutdown mode when the VDD pin is low. Current consumption in this mode from VDD pin is
< 1 µA.
8.4.2 Active Mode
In active mode the backlight is enabled either with setting the ON register bit high (LP8557I) or by activating
PWM input (LP8557). The power supplying the VDD pin must be present. Brightness is controlled with I2C writes
to brightness registers or by changing PWM input duty cycle (operation without I2C control). Configuration
registers are not accessible in Active mode to prevent damage to the device by accidental writes. Current
consumption from VDD terminal in this mode is typically 2.2 mA when LEDs are not drawing any current.
8.5 Programming
8.5.1 I2C-Compatible Serial Bus Interface
8.5.1.1 Interface Bus Overview
The I2C-compatible synchronous serial interface provides access to the programmable functions and registers on
the device. This protocol uses a two-wire interface for bi-directional communications between the devices
connected to the bus. The two interface lines are the serial data line (SDA), and the serial clock line (SCL).
These lines must be connected to a positive supply, via a pull-up resistor and remain HIGH even when the bus is
idle.
The default 7-bit I2C address for the LP8557I slave is 2Ch.
20
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com