| Electronic Components Datasheet Search |
|
LP8557 Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8557 Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 49 page ![]() Data Output By Transmitter SCL Start Condition S Data Output By Receiver 1 2 7 3 - 6 8 9 Acknowledgement Signal from Receiver Transmitter Stays Off the Bus During the Acknowledgement Clock LP8557, LP85571 SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015 www.ti.com Programming (continued) Figure 35. Bus Acknowledge Cycle 8.5.1.5 Acknowledge After Every Byte Rule The master generates an acknowledge clock pulse after each byte transfer. The receiver sends an acknowledge signal after every byte received. There is one exception to the acknowledge after every byte rule. When the master is the receiver, it must indicate to the transmitter an end of data by not-acknowledging (negative acknowledge) the last byte clocked out of the slave. This negative acknowledge still includes the acknowledge clock pulse (generated by the master), but the SDA line is not pulled down. 8.5.1.6 Control Register Write Cycle • Master device generates start condition. • Master device sends slave address (7 bits) and the data direction bit (r/w = 0). • Slave device sends acknowledge signal if the slave address is correct. • Master sends control register address (8 bits). • Slave sends acknowledge signal. • Master sends data byte to be written to the addressed register. • Slave sends acknowledge signal. • If master sends further data bytes the control register address is incremented by one after acknowledge signal. • Write cycle ends when the master creates stop condition. 8.5.1.7 Control Register Read Cycle • Master device generates a start condition. • Master device sends slave address (7 bits) and the data direction bit (r/w = 0). • Slave device sends acknowledge signal if the slave address is correct. • Master sends control register address (8 bits). • Slave sends acknowledge signal. • Master device generates repeated start condition. • Master sends the slave address (7 bits) and the data direction bit (r/w = 1). • Slave sends acknowledge signal if the slave address is correct. • Slave sends data byte from addressed register. • If the master device sends acknowledge signal, the control register address is incremented by one. Slave device sends data byte from addressed register. • Read cycle ends when the master does not generate acknowledge signal after data byte and generates stop condition. 22 Submit Documentation Feedback Copyright © 2013–2015, Texas Instruments Incorporated Product Folder Links: LP8557 LP85571 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |