Electronic Components Datasheet Search
  English  ▼

X  

LP8557 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP8557
Description  High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8557 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 25Page - Texas Instruments LP8557 Datasheet HTML 26Page - Texas Instruments LP8557 Datasheet HTML 27Page - Texas Instruments LP8557 Datasheet HTML 28Page - Texas Instruments LP8557 Datasheet HTML 29Page - Texas Instruments LP8557 Datasheet HTML 30Page - Texas Instruments LP8557 Datasheet HTML 31Page - Texas Instruments LP8557 Datasheet HTML 32Page - Texas Instruments LP8557 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
8.6.1.8 BOOST
Address: 0x13h
Reset: 0x02h (LP8557I)
D7
D6
D5
D4
D3
D2
D1
D0
BFSET
BCSET
—
BCOMP
BFREQ
Bits
Field
Type
Default
Description
7
BFSET
R/W
0b
Set boost frequency via the FSET pin.
0 = Boost frequency is set with BFREQ bits. (Default)
1 = boost frequency is set with an external, RFSET, resistor.
6
BCSET
R/W
0b
Set boost inductor size via ISET pin.
0 = boost inductor and compensation is set with BCOMP bit. (Default)
1 = boost inductor is set with an external, RISET, resistor.
5:2
reserved
R/O
0000b
1
BCOMP
R/W
1b
Boost compensation options.
0 = Boost compensation option 0
1 = Boost compensation option 1 (Default).
0
BFREQ
R/W
0b
Boost frequency.
0 = 500 kHz (Default)
1 = 1 MHz
The BFSET bit distinguishes how the boost switching frequency is set. If BFSET = 0, the boost switching
frequency is set by the BFREQ bit. If BFSET = 1, the switching frequency is set with an external resistor. On the
LP8557I (BFSET = 0), the boost switching frequency is 500 kHz by default. It may be re-configured via the I2C
interface by overriding the BFREQ bit. Please note the re-configuration must be done every time the power on
the VDD pin is recycled.
The BCSET bit distinguishes how the boost inductor and compensation is set. If BCSET = 0, the boost inductor
and compensation is set by the BCOMP bit. If BCSET = 1, the boost inductor and compensation is set with an
external resistor. On the LP8557I (BCSET = 0), the boost compensation is set to option 1 by default. It may be
re-configured via I2C interface by overriding BCOMP bit. Please note the re-configuration must be done every
time the power on the VDD pin is recycled.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com