Electronic Components Datasheet Search
  English  ▼

X  

SP8127 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8127
Description  High Speed Differential APC Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8127 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8127 Datasheet HTML 1Page - Sipex Corporation SP8127 Datasheet HTML 2Page - Sipex Corporation SP8127 Datasheet HTML 3Page - Sipex Corporation SP8127 Datasheet HTML 4Page - Sipex Corporation SP8127 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ADVANCED
SP8127
Rev 0.8 06/29/04. SP8127 High Speed Differential APC Amplifier
Copyright 2003 Sipex Corporation
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
1 of 5
1
2
3
4
8
7
6
5
Vcc
Gain
Rc
GND
Vout (+)
Vout (–)
Rg2
Rg1
SP8127
8-Pin
OPLGA
FEATURES
•
Dual wavelength 650 and 780nm
•
100 MHz Bandwidth
•
300 V/µs Slew Rate
•
5 ns Setting Time
•
10 mV Differential Output Offset Voltage
•
25 mV/
oC Output Offset Voltage Drift
•
-6/+6 dB External Gain Adjust
•
Small 8-pin OPLGA package
APPLICATION
•
CD-R, and CD-RW
• DVD+/-R, DVD+/-RW, and DVD-RAM
GENERAL DESCRIPTION
The SP8127 is a high-speed, differential output APC amplifier that integrates the photodiode
and adjustable gain block on one chip. Independent gain control allows individual adjustment for
780mn and 650nm wavelength operation, as found in CD/DVD optical storage drives. This allows the
user to control the laser power of the system in high-speed DVD+/-RW, DVD-RAM and CD-RW
systems. The wide 2V output swing also allows better system performance, through improved
dynamic range.
High Speed Differential APC Amplifier


Similar Part No. - SP8127

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8127N SIPEX-SP8127N Datasheet
126Kb / 5P
High Speed Differential APC Amplifier
SP8127NDG SIPEX-SP8127NDG Datasheet
126Kb / 5P
High Speed Differential APC Amplifier
More results

Similar Description - SP8127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
391Kb / 20P
Low-Cost, High-Speed Differential Amplifier
REV.0
logo
Sipex Corporation
SP8126B SIPEX-SP8126B Datasheet
91Kb / 8P
High Speed Differential APC Amplifier
SP8127N SIPEX-SP8127N Datasheet
126Kb / 5P
High Speed Differential APC Amplifier
SP8130 SIPEX-SP8130 Datasheet
269Kb / 5P
High Speed Differential APC Amplifier
logo
Analog Devices
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
logo
Sipex Corporation
SP8027 SIPEX-SP8027 Datasheet
101Kb / 3P
High Speed, Constant Bandwidth Differential APC Amplifier
logo
Analog Devices
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
logo
National Semiconductor ...
LMH730154 NSC-LMH730154 Datasheet
558Kb / 5P
High Speed Differential Amplifier Evaluation Board
logo
Texas Instruments
LMH6550 TI1-LMH6550 Datasheet
2Mb / 33P
Differential, High-Speed Operational Amplifier
logo
Analog Devices
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
Low Cost, High Speed Differential Amplifier
Rev. I
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com