Electronic Components Datasheet Search
  English  ▼

X  

SP8127 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8127
Description  High Speed Differential APC Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8127 Datasheet(HTML) 3 Page - Sipex Corporation

  SP8127 Datasheet HTML 1Page - Sipex Corporation SP8127 Datasheet HTML 2Page - Sipex Corporation SP8127 Datasheet HTML 3Page - Sipex Corporation SP8127 Datasheet HTML 4Page - Sipex Corporation SP8127 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ADVANCED
SP8127
Rev 0.8 06/29/04. SP8127 High Speed Differential APC Amplifier
Copyright 2003 Sipex Corporation
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
3 of 5
ELECTRICAL/OPTICAL SPECIFICATIONS
Unless otherwise noted: Vcc = 5V, output load: RL = 1kΏ, CL = 20pF, gain 0 dB, ambient temperature -20C ≤Ta ≤ +85
oC
Parameter
Condition
Min.
Typ.
Max
Unit
Ta = 25
oC, no signal, no load
15
Supply Current
-20 ≤Ta ≤ +85
oC, no signal, no
load
20
mA
Output Common Mode Voltage
No signal
Vcc/2.2
Vcc/2
Vcc/1.8
V
Gain = 0dB, no signal
-10
10
Output Offset Voltage
Gain = +6dB, no signal
-20
20
mV
Gain = 0dB, no signal
-25
25
Output Offset Voltage Drift
Gain = + 6dB, no signal
-50
50
µV/
oC
Power Supply Rejection Ratio
(PSRR) *
Gain = 0dB, 4.5V ≤ Vcc ≤ 5.5V
55
76
dB
Output Sensitivity
Gain = 0dB
4560
5700
6840
V/W
Input Optical Power required to
produce a 2V differential output
swing
0.28mm laser beam diameter,
uniform density, Gain = 0dB
263
µW
Photo Detector Active Area
0.098
mm
2
Gain = -6dB, 2Vpp step
5
7
Output Settling Time
Gain = 0dB, 2Vpp step
6
9
ns
Full Scale Output Voltage Swing
Differential voltage = (V+) – (V-)
2
V p-p
Gain = -6dB, -3dB level
80
100
Bandwidth
Gain = 0dB, -3dB level
60
80
MHz
Gain Adjust Range
-6
+6
dB
*) PSRR = 20log (∆Vcc/∆Vout)
**) Gain Linearity = (Gain2 – Gain 1)/Gain 1, where Gain = Vout/Pin. This test is done with current injection at the wafer level.
PIN ASSIGNMENTS
Pin #
Pin Name
Pin Function
1
Vcc
Supply Voltage. Bypass to GND with ceramic capacitor 0.1µF
2
Gain
Gain Switch Input. Low level selects Rg1, high level selects Rg2
3
Rc
Common connection point for Rg1 and Rg2
4
GND
Power Ground
5
Rg1
Gain Adjust 1
6
Rg2
Gain Adjust 2
7
Vout (–)
Output Voltage Negative Swing
8
Vout(+)
Output Voltage Positive Swing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com