Electronic Components Datasheet Search
  English  ▼

X  

SP8127 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8127
Description  High Speed Differential APC Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8127 Datasheet(HTML) 2 Page - Sipex Corporation

  SP8127 Datasheet HTML 1Page - Sipex Corporation SP8127 Datasheet HTML 2Page - Sipex Corporation SP8127 Datasheet HTML 3Page - Sipex Corporation SP8127 Datasheet HTML 4Page - Sipex Corporation SP8127 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ADVANCED
SP8127
Rev 0.8 06/29/04. SP8127 High Speed Differential APC Amplifier
Copyright 2003 Sipex Corporation
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
2 of 5
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other
above those indicated in the operation sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
Supply Voltage (Vcc)……………………..6.0V
Reference Voltage (Vs) ………………… 6.0V
Output Voltage (Vout)…………..……… Vcc
Junction Temperature (Tj)………………120
oC
Storage Temperature………...-40
°C to +100°C
Soldering Temperature…………………+235
°C
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (Vcc)…………………...4.5V to 5.5V
Operating temperature…………………-20C to +85
oC
CD Wavelength……….………………….……780nm
DVD Wavelength……..……………………….650nm
THERMAL SPECIFICATIONS
8-pin OPLGA (3 x 3.5mm) Package Thermal Resistance………… 75
oC/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com