Electronic Components Datasheet Search
  English  ▼

X  

SPX2815 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX2815
Description  1.5A Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SPX2815 Datasheet HTML 2Page - Sipex Corporation SPX2815 Datasheet HTML 3Page - Sipex Corporation SPX2815 Datasheet HTML 4Page - Sipex Corporation SPX2815 Datasheet HTML 5Page - Sipex Corporation SPX2815 Datasheet HTML 6Page - Sipex Corporation SPX2815 Datasheet HTML 7Page - Sipex Corporation SPX2815 Datasheet HTML 8Page - Sipex Corporation SPX2815 Datasheet HTML 9Page - Sipex Corporation SPX2815 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Date: 5/17/04
SPX2815 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
PART NUMBERS
ACC.
TOP MARK
OUTPUT VOLTAGE
PACKAGE
SPX2815AR ............................. 1% .......... SPX2815ARYYWW..............Adj .................. 3 lead TO-252
SPX2815AR/TR ....................... 1% .......... SPX2815ARYYWW..............Adj .................. 3 lead TO-252
SPX2815AR-2.5 ....................... 1% .......... SPX2815AR25YYWW...........Adj ................. 3 lead TO-252
SPX2815AR-2.5/TR ................. 1% .......... SPX2815AR25YYWW...........Adj ................. 3 lead TO-252
SPX2815AR-3.3 ....................... 1% .......... SPX2815AR33YYWW...........Adj ................. 3 lead TO-252
SPX2815AR-3.3/TR ................. 1% .......... SPX2815AR33YYWW...........Adj ................. 3 lead TO-252
SPX2815AR-5.0 ....................... 1% .......... SPX2815AR50YYWW...........Adj ................. 3 lead TO-252
SPX2815AR-5.0/TR ................. 1% .......... SPX2815AR50YYWW...........Adj ................. 3 lead TO-252
SPX2815AT ............................. 1% ........... SPX2815ATYYWW..............Adj .................. 3 lead TO-263
SPX2815AT/TR ....................... 1% ........... SPX2815ATYYWW..............Adj .................. 3 lead TO-263
SPX2815AT-2.5 ....................... 1% .......... SPX2815AT25YYWW...........Adj ................. 3 lead TO-263
SPX2815AT-2.5/TR ................. 1% .......... SPX2815AT25YYWW...........Adj ................. 3 lead TO-263
SPX2815AT-3.3 ....................... 1% .......... SPX2815AT33YYWW...........Adj ................. 3 lead TO-263
SPX2815AT-3.3/TR ................. 1% .......... SPX2815AT33YYWW...........Adj ................. 3 lead TO-263
SPX2815AT-5.0 ....................... 1% .......... SPX2815AT50YYWW...........Adj ................. 3 lead TO-263
SPX2815AT-5.0/TR ................. 1% .......... SPX2815AT50YYWW...........Adj ................. 3 lead TO-263
SPX2815AU ............................. 1% .......... SPX2815AUYYWW..............Adj .................. 3 lead TO-220
SPX2815AU-2.5 ....................... 1% .......... SPX2815AU25YYWW...........Adj ................. 3 lead TO-220
SPX2815AU-3.3 ....................... 1% .......... SPX2815AU33YYWW...........Adj ................. 3 lead TO-220
SPX2815AU-5.0 ....................... 1% .......... SPX2815AU50YYWW...........Adj ................. 3 lead TO-220
ORDERING INFORMATION
/TR = Tape and Reel
Pack quantity is 500 for TO-263 and 2,000 for
TO-252.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com