Electronic Components Datasheet Search
  English  ▼

X  

SPX2815 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2815
Description  1.5A Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2815 Datasheet HTML 1Page - Sipex Corporation SPX2815 Datasheet HTML 2Page - Sipex Corporation SPX2815 Datasheet HTML 3Page - Sipex Corporation SPX2815 Datasheet HTML 4Page - Sipex Corporation SPX2815 Datasheet HTML 5Page - Sipex Corporation SPX2815 Datasheet HTML 6Page - Sipex Corporation SPX2815 Datasheet HTML 7Page - Sipex Corporation SPX2815 Datasheet HTML 8Page - Sipex Corporation SPX2815 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Date: 5/17/04
SPX2815 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Line Regulation for SPX2815U-3.3; I
OUT=10mA
3.300
3.305
3.310
3.315
3.320
3.325
4.5
6.5
8.5
10.5
12.5
14.5
Vin (V)
1.225
1.23
1.235
1.24
1.245
1.25
1.255
1.26
1.265
1.27
1.275
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
1.25v Adj
Figure 2. V
OUT vs Temperature, VIN=2.5V, IOUT=10mA
Figure 3. V
IN=4.0V, IOUT=10mA
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
2.5v Adj
2.5v Fixed
Figure 4. V
IN=5.0V, IOUT=10mA
3.26
3.28
3.3
3.32
3.34
3.36
3.38
-50
-30
-10
10
30
50
70
90
110
130
Temp (C)
3.3v Adj
3.3v Fixed
Output Capacitor
To ensure the stability of the SPX2815, an
output capacitor of at least 10
µF (ceramic or
tantalum) or 22
µF (aluminum) is required. The
value may change based on the application
requirements of the output load or temperature
range. The value of ESR can vary based on the
type of capacitor used in the applications to
guarantee stability. The recommended value
for ESR is 0.5
Ω or less. A larger value of output
capacitance (up to 100
µF) can improve the load
transient response.
Soldering Methods
The SPX2815 die is attached to the heatsink lead
which exits opposite the input, output, and ground
pins.
Thermal Characteristics
The SPX2815 features the internal thermal lim-
iting to protect the device during overload con-
ditions. Special care needs to be taken during
continuous load conditions such that the maxi-
mum junction temperature does not exceed
125
°C. Thermal protection is activated at >179°C
and deactiviated at <165
°C.
The thermal interaction from other components
in the application can effect the thermal resis-
tance of the SPX2815.
The actual thermal
resistance can be determined with experimenta-
tion.
SPX2815 power dissipation is calculated as
follows:
P
D = (VIN - VOUT)(IOUT)
Maximum Junction Temperature range:
T
J = TA(max) + PD* thermal resistance
(junction-to-ambient)
Maximum junction temperature must not ex-
ceed the 125
°C.
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com