Electronic Components Datasheet Search
  English  ▼

X  

SPX2815 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2815
Description  1.5A Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2815 Datasheet HTML 1Page - Sipex Corporation SPX2815 Datasheet HTML 2Page - Sipex Corporation SPX2815 Datasheet HTML 3Page - Sipex Corporation SPX2815 Datasheet HTML 4Page - Sipex Corporation SPX2815 Datasheet HTML 5Page - Sipex Corporation SPX2815 Datasheet HTML 6Page - Sipex Corporation SPX2815 Datasheet HTML 7Page - Sipex Corporation SPX2815 Datasheet HTML 8Page - Sipex Corporation SPX2815 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Date: 5/17/04
SPX2815 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
1.5A Low Dropout Voltage Regulator
SPX2815
DESCRIPTION
FEATURES
■ Guaranteed 1.5A Output Current
■ Three Terminal Adjustable or Fixed
2.5V, 3.3V and 5.0V
■ Low Quiescent Current
■ Low Dropout Voltage of 1.1V at 1.5A
■ 0.1% Line and 0.1% Load Regulation
■ Stable with 10uF Ceramic Capacitor
■ Overcurrent and Thermal Protection
■ Available Packages: TO-252,
TO-220, and TO-263
■ Similar to Industry Standard LT1086/
LT1586
®
The SPX2815 is a low power positive-voltage regulator designed to satisfy moderate power
requirements with a cost effective, small footprint solution. This device is an excellent choice for
use in battery-powered applications and portable computers. The SPX2815 features very low
quiescent current and a low dropout voltage of 1.1V at a full load. As output current decreases,
quiescent current flows into the load, increasing efficiency. SPX2815 is available in adjustable
or fixed 2.5V, 3.3V and 5.0V output voltages.
The SPX2815 is offered in several 3-pin surface mount packages: TO-252, TO-220 and TO-263.
An output capacitor of 10µF ceramic or tantalum provides unconditional stability.
APPLICATIONS
■ Desktop PC's Servers
■ Powering VGA and Sound Cards
■ Cordless Phones
■ Battery Chargers
■ Adjustable Power Supplies
■ Portable Instrumentation
■ SMPS Post-Regulator
■ Constant Current Regulators
■ Disk Drives
FUNCTIONAL DIAGRAM (Adjustable)
+
-
Current Limit
ICL
I TL
Thermal Limit
VREF
AMP
VOUT
VIN
ADJ/GND
+
–
IADJ ~ 50µA
1.25V
_
+
Refer to Page 5 for Pinouts


Similar Part No. - SPX2815

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2815 SIPEX-SPX2815 Datasheet
180Kb / 10P
1.5A Low Dropout Voltage Regulator
SPX2815 SIPEX-SPX2815 Datasheet
186Kb / 10P
1.5A Low Dropout Voltage Regulator
SPX2815A SIPEX-SPX2815A Datasheet
186Kb / 10P
1.5A Low Dropout Voltage Regulator
SPX2815AR SIPEX-SPX2815AR Datasheet
207Kb / 10P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX2815

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
1.5A Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815AT-L SIPEX-SPX2815AT-L Datasheet
186Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com