Electronic Components Datasheet Search
  English  ▼

X  

LS7232NT Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7232NT
Description  PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7232NT Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7232NT_05 Datasheet HTML 1Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 2Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 3Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 4Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 5Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 6Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITION
Timer Resistor
R
200
-
2M
Ohm
-
Timer Capacitor
C
0.1
10.0
-
µF
-
Timer Delay
tRC
1e-3
-
1200
sec
tRC ≈ 63RC
Slew Off Rate
tsf
-
42
-
deg/sec
60Hz
-
35
-
deg/sec
50Hz
Slew Off Delay
td
-
ØD/tsf
-
sec
-
Pre-Off Delay (Mode 7)
tf
-
10
-
sec
-
Slew-Off Delay (Mode 7)
td7
-
2
-
sec
-
LEDO Pulse Width
-
-
32
-
µs
-
SYNC to LEDO delay
tsl
-
918
-
µs
-
LEDO to TRIG/ delay
ttl
-
170
-
µs
-
LEDO to Strobe delay
tB
-
24
-
µs
-
7232NT-012703-4
Ø
Ø
Ø
SYNC
(Idealized)
TRIG/
LEDO
SENS_STROBE
(Internal)
tsl
ttl
tw
p1
p2
p1
p2
tB
NOTE: Pulse p1 and its associated sens_strobe occurs only when the TRIG/ is Off
Pulse p2 and its associated sens_strobe occurs only when the TRIG/ is On.
FIGURE 2. TRIG/ CONDUCTION ANGLE, Ø DEFINITION AND LEDO PULSE
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com