Electronic Components Datasheet Search
  English  ▼

X  

LS7232NT Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7232NT
Description  PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7232NT Datasheet(HTML) 6 Page - LSI Computer Systems

  LS7232NT_05 Datasheet HTML 1Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 2Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 3Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 4Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 5Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 6Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TRIGGER
LOGIC
DIGITAL
COMPARATOR
Ø
POINTER
PHASE
LOCK
LOOP
CONTROL
BUF
BUF
SYNC
CAP
AMP
GAIN=30
PHOTOUT
SENS
VSS
VDD
FIGURE 6. LS7232NT BLOCK DIAGRAM
1
2
13
6
8
14
TRIG/
9
4
3
7
12
5
PHASE
MEMORY
TRIAC
STATUS
DRIVER
DRIVER
CATHODE
ANODE
REMOTE
11
DECODER
AMP
AMP
TIMER
10
IR PULSE
LOGIC
M1
M2
RC
LEDO
10K
+V
-V
7232NT-012703-6
AMP
+
-
AMP
+
-
5
4
3
100K
Rf
100K
VDD/2
Id
FIGURE 7 . PHOTO AMPLIFIER WITH PHOTO DIODE AND GAIN RESISTOR , Rf
ANODE
CATHODE
PHOTOUT (VOUT)
VOUT = VDD/2 + 2IDRf



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com