Electronic Components Datasheet Search
  English  ▼

X  

LS7232NT Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7232NT
Description  PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7232NT Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7232NT_05 Datasheet HTML 1Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 2Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 3Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 4Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 5Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 6Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
DESCRIPTION:
LS7232NT is a CMOS integrated circuit designed for brightness
control of incandescent lamps or tranformer coupled low voltage
halogen lamps. The brightness is controlled by controlling the fir-
ing angle of a triac in series with the lamp and triggered by the
LS7232NT. A Phase-Locked-Loop keeps the LS7232NT phase
pointer locked in phase with the line voltage.
A unique optical user interface provides for a smooth control of
the lamp intensity without the need for touching any sensor
plate. A mechanical switch interface for dimming control is also
provided which can be used for a remote touch plate. The IC in-
cludes features to address problems associated with inductive
loads such as transformers in low voltage halogen lamp applica-
tion. The voltage to current phase lag resulting from the in-
ductance may prevent the triac from shutting off at AC zero
crossover and/or prevent the triac from maintaining conduction
following the removal of the gate trigger.
The inductive load
problems are addressed by the LS7232NT as follows:
1. Compensation for delayed triac cut-off.
When trigger pulse is due to occur at a conduction angle
which coincides with the on-state of the triac, the trigger
pulse is delayed until the triac has turned off. This elim-
inates the underlying cause of half-waving.
2. Compensation for delayed triac turn-on.
At the set conduction angle, a triac trigger pulse of 130.2µs
(60Hz) is issued by the dimmer IC. If the triac fails to fire, a
second trigger pulse of 260.4µs width is issued 1 ms later
as a second attempt to fire the triac during the same half-
cycle.
3. Safety-Shutdown.
If the frequency of occurrences of the delayed cut-off and
the delayed turn-on exceeds a preset threshold, a shut-
down is initiated by turning off the triac trigger pulses. The
safety-shutdown threshold value is accumulated in a 4-bit
Up/Down counter. The count increments for every oc-
currence of delayed cut-off or delayed turn-on and decre-
ments once every 8 SYNC pulses (AC line cycles). The
count will not decrement below zero. If the count reaches
15, the safety-shut-down is effected.
PIN ASSIGNMENT - TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
LS7232NT
CAP
SYNC
ANODE
CATHODE
PHOTOUT
SENS
REMOTE
VDD (+V)
M2
M1
RC
LEDO
TRIG/
Vss (-V)
FIGURE 1
The LS7232NT can be configured in 7 different modes of dim-
ming and timing off functions selected by two 3-state mode
pins.
INPUT/OUTPUT DESCRIPTION:
CAP (Pin 1)
PLL filter capacitor input. A 0.02µF capacitor is required at this
input for the optimal operation of the PLL.
SYNC (Pin 2)
The phase pointer for the triac trigger signal is synchronized
with the 50Hz/60Hz AC voltage applied at the SYNC input by
the internal PLL. The triac On/Off status information is also de-
rived from this input.
ANODE (Pin 3) CATHODE (Pin 4) and PHOTOUT (Pin 5)
These three pins constitute the input/outputs of a trans-
conductance and voltage amplifier pair (See Fig. 6) for con-
verting the current from a photo-diode to a voltage stimulus for
application at the SENS input. The photo-signal is used in lieu
of a touch plate for a touchless dimmer system. The output at
PHOTOUT is governed by the following equation:
VOUT = VDD/2 + 2IDRf
Where VDD = Supply Voltage
ID = Current in Photo-diode connected between
ANODE and CATHODE
Rf = Feedback resistance between PHOTOUT
and CATHODE
A potentiometer is used for Rf for controlling the sensitivity of
the photo-amplifier system.
7232NT-042005-1
April 2005
FEATURES:
• Control of incandescent and transformer-coupled
low voltage halogen lamps.
• No-Touch lamp control through optical sensing
• PLL synchronization of AC for wall switch application.
• Extension input for remote control
• Safety-shutdown for transformer malfunction.
• Pin-selectable operating modes
• Single 5V power supply
• 50Hz/60Hz AC line frequency
• LS7232NT (DIP); LS7232NT-S (SOIC) - See Figure 1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7232NT
UL
®
A3800


Similar Part No. - LS7232NT_05

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
More results

Similar Description - LS7232NT_05

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7237 LSI-LS7237 Datasheet
43Kb / 4P
TOUCH CONTROL LAMP STEP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7636 LSI-LS7636 Datasheet
220Kb / 7P
REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com