Electronic Components Datasheet Search
  English  ▼

X  

LM2621 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2621
Description  Low Input Voltage, Step-Up DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2621 Datasheet(HTML) 4 Page - Texas Instruments

  LM2621 Datasheet HTML 1Page - Texas Instruments LM2621 Datasheet HTML 2Page - Texas Instruments LM2621 Datasheet HTML 3Page - Texas Instruments LM2621 Datasheet HTML 4Page - Texas Instruments LM2621 Datasheet HTML 5Page - Texas Instruments LM2621 Datasheet HTML 6Page - Texas Instruments LM2621 Datasheet HTML 7Page - Texas Instruments LM2621 Datasheet HTML 8Page - Texas Instruments LM2621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM2621
SNVS033D – MAY 2004 – REVISED NOVEMBER 2015
www.ti.com
6.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
2.5
5
V
FB
0
VDD
V
EN
0
VDD
V
BOOT
0
10
V
Ambient Temperature, TA
–40
85
°C
6.3 Thermal Information
LM2621
THERMAL METRIC(1)
DGK (VSSOP)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance (2)
160
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.7
°C/W
RθJB
Junction-to-board thermal resistance
80.1
°C/W
ψJT
Junction-to-top characterization parameter
5.5
°C/W
ψJB
Junction-to-board characterization parameter
78.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by Tjmax (maximum junction temperature),
θJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is Pdmax = (Tjmax - TA)/ θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
6.4 Electrical Characteristics
Unless otherwise specified: VDD= VOUT= 3.3 V, TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN_ST
Minimum Start-Up Supply
ILOAD = 0 mA
1.1
V
Voltage(1)
ILOAD = 0 mA, –40°C to 85°C
1.2
VIN_OP
Minimum Operating Supply
ILOAD = 0 mA
0.65
V
Voltage (once started)
VFB
FB Pin Voltage
1.24
V
–40°C to 85°C
1.2028
1.2772
VOUT_MAX
Maximum Output Voltage
14
V
VHYST
Hysteresis Voltage(2)
30
mV
–40°C to 85°C
45
η
Efficiency
VIN = 3.6 V; VOUT = 5 V; ILOAD = 500 mA
87%
VIN = 2.5 V; VOUT = 3.3 V; ILOAD = 200 mA
87%
D
Switch Duty Cycle
70%
−40°C to 85°C
60%
80%
IDD
Operating Quiescent
FB Pin > 1.3 V; EN Pin at VDD
80
µA
Current(3)
FB Pin > 1.3 V; EN Pin at VDD, –40°C to 85°C
110
ISD
Shutdown Quiescent
VDD, BOOT and SW Pins at 5.0 V; EN Pin < 200
0.01
Current(4)
mV
µA
VDD, BOOT and SW Pins at 5.0 V; EN Pin < 200
2.5
mV, –40°C to 85°C
ICL
Switch Peak Current Limit
2.85
A
(1)
Output in regulation, VOUT = VOUT (NOMINAL) ± 5%
(2)
This is the hysteresis value of the internal comparator used for the gated-oscillator control scheme.
(3)
This is the current into the VDD pin.
(4)
This is the total current into pins VDD, BOOT, SW and FREQ.
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM2621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com