Electronic Components Datasheet Search
  English  ▼

X  

LM2621 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2621
Description  Low Input Voltage, Step-Up DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2621 Datasheet(HTML) 5 Page - Texas Instruments

  LM2621 Datasheet HTML 1Page - Texas Instruments LM2621 Datasheet HTML 2Page - Texas Instruments LM2621 Datasheet HTML 3Page - Texas Instruments LM2621 Datasheet HTML 4Page - Texas Instruments LM2621 Datasheet HTML 5Page - Texas Instruments LM2621 Datasheet HTML 6Page - Texas Instruments LM2621 Datasheet HTML 7Page - Texas Instruments LM2621 Datasheet HTML 8Page - Texas Instruments LM2621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LM2621
www.ti.com
SNVS033D – MAY 2004 – REVISED NOVEMBER 2015
Electrical Characteristics (continued)
Unless otherwise specified: VDD= VOUT= 3.3 V, TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS_ON
MOSFET Switch On
0.17
Ω
Resistance
ENABLE SECTION
VEN_LO
EN Pin Voltage Low(5)
–40°C to 85°C
0.15VDD
V
VEN_HI
EN Pin Voltage High(5)
–40°C to 85°C
0.7VDD
V
(5)
When the EN pin is below VEN_LO, the regulator is shut down; when it is above VEN_HI, the regulator is operating.
6.5 Typical Characteristics
VOUT = 5.0 V
VOUT = 3.3 V
Figure 1. Efficiency vs Load Current
Figure 2. Efficiency vs Load Current
Figure 3. VFB vs Temperature
Figure 4. IOP vs Temperature
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com