Electronic Components Datasheet Search
  English  ▼

X  

LM2621 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2621
Description  Low Input Voltage, Step-Up DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2621 Datasheet(HTML) 1 Page - Texas Instruments

  LM2621 Datasheet HTML 1Page - Texas Instruments LM2621 Datasheet HTML 2Page - Texas Instruments LM2621 Datasheet HTML 3Page - Texas Instruments LM2621 Datasheet HTML 4Page - Texas Instruments LM2621 Datasheet HTML 5Page - Texas Instruments LM2621 Datasheet HTML 6Page - Texas Instruments LM2621 Datasheet HTML 7Page - Texas Instruments LM2621 Datasheet HTML 8Page - Texas Instruments LM2621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2621
SNVS033D – MAY 2004 – REVISED NOVEMBER 2015
LM2621 Low Input Voltage, Step-Up DC-DC Converter
1 Features
3 Description
The LM2621 is a high efficiency, step-up DC-DC
1
•
Small VSSOP8 Package (Half the Footprint of
switching regulator for battery-powered and low input
Standard 8-Pin SOIC Package)
voltage systems. It accepts an input voltage between
•
1.09-mm Package Height
1.2 V and 14 V and converts it into a regulated output
•
Up to 2-MHz Switching Frequency
voltage. The output voltage can be adjusted between
1.24 V and 14 V. It has an internal 0.17-
Ω N-Channel
•
1.2-V to 14-V Input Voltage
MOSFET power switch. Efficiencies up to 90% are
•
1.24-V to 14-V Adjustable Output Voltage
achievable using the LM2621.
•
Up to 1A Load Current
The high switching frequency (adjustable up to 2
•
0.17-
Ω Internal MOSFET
MHz) of the LM2621 allows for tiny surface mount
•
Up to 90% Regulator Efficiency
inductors and capacitors. Because of the unique
constant-duty-cycle gated oscillator topology very
•
80-µA Typical Operating Current
high efficiencies are realized over a wide load range.
•
< 2.5-µA Specified Supply Current In Shutdown
The supply current is reduced to 80 µA because of
the BiCMOS process technology. In the shutdown
2 Applications
mode, the supply current is less than 2.5 µA.
•
PDAs, Cellular Phones
The LM2621 is available in a VSSOP-8 package.
•
2-Cell and 3-Cell Battery-Operated Equipment
This package uses half the board area of a standard
8-pin SOIC and has a height of just 1.09 mm.
•
PCMCIA Cards, Memory Cards
•
Flash Memory Programming
Device Information(1)
•
TFT/LCD Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
3.3-V to 5.0-V Conversion
LM2621
VSSOP (8)
3.00 mm x 3.00 mm
•
GPS Devices
(1) For all available packages, see the orderable addendum at
•
Two-Way Pagers
the end of the datasheet.
•
Palmtop Computers
•
Hand-Held Instruments
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI-LM2621 Datasheet
1Mb / 17P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621 Datasheet
1Mb / 16P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI2-LM2621 Datasheet
1Mb / 22P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
REVISED NOVEMBER 2015
More results

Similar Description - LM2621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
Texas Instruments
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com