Electronic Components Datasheet Search
  English  ▼

X  

TLP2409 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP2409
Description  Photocouplers GaA-As Infrared LED and Photo IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2409 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP2409 Datasheet HTML 1Page - Toshiba Semiconductor TLP2409 Datasheet HTML 2Page - Toshiba Semiconductor TLP2409 Datasheet HTML 3Page - Toshiba Semiconductor TLP2409 Datasheet HTML 4Page - Toshiba Semiconductor TLP2409 Datasheet HTML 5Page - Toshiba Semiconductor TLP2409 Datasheet HTML 6Page - Toshiba Semiconductor TLP2409 Datasheet HTML 7Page - Toshiba Semiconductor TLP2409 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP2409
4
11.
11.
11.
11. Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
, V
, V
, V
, VCC
CC
CC
CC
= 5 V)
= 5 V)
= 5 V)
= 5 V)
Characteristics
Propagation delay time
(H/L)
Propagation delay time
(L/H)
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpHL
tpLH
CMH
CML
Note
(Note 1)
(Note 2)
Test
Circuit
Fig
12.1.1
Fig
12.1.2
Test Condition
IF = 0 → 16 mA, RL = 1.9 kΩ
IF = 16 → 0 mA, RL = 1.9 kΩ
IF = 0 mA, RL = 4.1 kΩ,
VCM = 400 Vp-p
IF = 16 mA, RL = 4.1 kΩ,
VCM = 400 Vp-p
Min
5000
-5000
Typ.
10000
-10000
Max
0.8
0.8
Unit
µs
V/µs
Note 1: CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage
in the logic high state (VO > 2.0 V).
Note 2: CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in
the logic low state (VO < 0.8 V).
12.
12.
12.
12. Test Circuits and Characteristics Curves
Test Circuits and Characteristics Curves
Test Circuits and Characteristics Curves
Test Circuits and Characteristics Curves
12.1.
12.1.
12.1.
12.1. Test Circuits
Test Circuits
Test Circuits
Test Circuits
Fig.
Fig.
Fig.
Fig. 12.1.1
12.1.1
12.1.1
12.1.1 Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
Fig.
Fig.
Fig.
Fig. 12.1.2
12.1.2
12.1.2
12.1.2 Common-Mode Transient Immunity Test Circuit and Waveform
Common-Mode Transient Immunity Test Circuit and Waveform
Common-Mode Transient Immunity Test Circuit and Waveform
Common-Mode Transient Immunity Test Circuit and Waveform
2016-02-10
Rev.2.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com