Electronic Components Datasheet Search
  English  ▼

X  

TLP2409 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2409
Description  Photocouplers GaA-As Infrared LED and Photo IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2409 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2409 Datasheet HTML 1Page - Toshiba Semiconductor TLP2409 Datasheet HTML 2Page - Toshiba Semiconductor TLP2409 Datasheet HTML 3Page - Toshiba Semiconductor TLP2409 Datasheet HTML 4Page - Toshiba Semiconductor TLP2409 Datasheet HTML 5Page - Toshiba Semiconductor TLP2409 Datasheet HTML 6Page - Toshiba Semiconductor TLP2409 Datasheet HTML 7Page - Toshiba Semiconductor TLP2409 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP2409
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP2409
TLP2409
TLP2409
TLP2409
Start of commercial production
2010-03
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
High-Speed Digital Interfacing for Instrumentation and Control Devices
•
Industrial Inverters
•
Switching Power Supplies
2.
2.
2.
2. General
General
General
General
The Toshiba TLP2409 consists of a high output power GaAℓAs light-emitting diode coupled with a high-speed
photodiode-transistor chip. It is housed in the SO8 package. The TLP2409 features an operating temperature
range of up to 125, making it ideal for applications like DC-DC converters and industrial equipment which
require operations at high temperatures.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Package: SO8
(2)
Propagation delay time: tpHL = 0.8 µs, tpLH = 0.8µs (max)@ RL = 1.9 kΩ
(3)
Operating temperature: -55 to 125
(4)
Isolation voltage: 3750 Vrms (min)
(5)
TTL-compatible
(6)
Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5 (Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: When an EN60747-5-5 approved type is needed, please designate the Option (V4)
Option (V4)
Option (V4)
Option (V4).
4.
4.
4.
4. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
11-5K1S
1: N.C.
2: Anode
3: Cathode
4: N.C.
5: GND (Emitter)
6: Output (Collector)
7: N.C.
8: VCC
2016-02-10
Rev.2.0
©2016 Toshiba Corporation


Similar Part No. - TLP2409

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP2405 TOSHIBA-TLP2405 Datasheet
338Kb / 14P
Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
Photocouplers GaAAs Infrared LED & Photo IC
TLP240A TOSHIBA-TLP240A Datasheet
410Kb / 17P
Photocouplers Photorelay
More results

Similar Description - TLP2409

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP701A TOSHIBA-TLP701A Datasheet
389Kb / 16P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
Photocouplers GaA - As Infrared LED and Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2398 TOSHIBA-TLP2398 Datasheet
560Kb / 18P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2662 TOSHIBA-TLP2662_15 Datasheet
562Kb / 19P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com