Electronic Components Datasheet Search
  English  ▼

X  

TLP2409 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP2409
Description  Photocouplers GaA-As Infrared LED and Photo IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2409 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP2409 Datasheet HTML 1Page - Toshiba Semiconductor TLP2409 Datasheet HTML 2Page - Toshiba Semiconductor TLP2409 Datasheet HTML 3Page - Toshiba Semiconductor TLP2409 Datasheet HTML 4Page - Toshiba Semiconductor TLP2409 Datasheet HTML 5Page - Toshiba Semiconductor TLP2409 Datasheet HTML 6Page - Toshiba Semiconductor TLP2409 Datasheet HTML 7Page - Toshiba Semiconductor TLP2409 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP2409
3
8.
8.
8.
8. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Input forward current
Output current
Operating temperature
Symbol
IF
IO
Topr
Note
Min
-55
Typ.
Max
15
7
125
Unit
mA
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
9.
9.
9.
9. Electrical Characteristics (Note) (Unless otherwise specified, T
Electrical Characteristics (Note) (Unless otherwise specified, T
Electrical Characteristics (Note) (Unless otherwise specified, T
Electrical Characteristics (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
High-level output current
Low-level output voltage
Current transfer ratio
High-level supply current
Symbol
VF
∆VF/∆Ta
IR
Ct
IOH
VOL
IO/IF
ICCH
Note
Test
Circuit
Test Condition
IF = 16 mA
IF = 16 mA
VR = 3 V
VF = 0 V, f = 1 MHz
IF = 0 mA, VCC = VO = 5.5 V
IF = 0 mA, VCC = 30 V,
VO = 20 V
IF = 0 mA, VCC = 30 V,
VO = 20 V, Ta = 100
IF = 16 mA, VCC = 4.5 V,
IO = 2.4 mA
IF = 16 mA, VCC = 4.5 V,
VO = 0.4 V
IF = 0 mA, VCC = 30 V
Min
1.40
20
Typ.
1.57
-2
60
3
0.01
Max
1.80
10
500
5
50
0.4
1
Unit
V
mV/
µA
pF
nA
µA
V
%
µA
Note:
All typical values are at Ta = 25.
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Total capacitance (input to
output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
Test Conditions
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
3750
Typ.
1.0
1014
10000
10000
Max
Unit
pF
Ω
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
2016-02-10
Rev.2.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com