Electronic Components Datasheet Search
  English  ▼

X  

HMC232 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC232
Description  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC232 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC232 Datasheet HTML 1Page - Hittite Microwave Corporation HMC232 Datasheet HTML 2Page - Hittite Microwave Corporation HMC232 Datasheet HTML 3Page - Hittite Microwave Corporation HMC232 Datasheet HTML 4Page - Hittite Microwave Corporation HMC232 Datasheet HTML 5Page - Hittite Microwave Corporation HMC232 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
7 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
7
HMC232
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 15.0 GHz
v02.1203
General Description
Features
Functional Diagram
The HMC232 is a broadband non-reflective GaAs
MESFET SPDT MMIC chip.
Covering DC to 15
GHz, the switch features over 55 dB isolation
at lower frequencies and over 45 dB at higher
frequencies due to the implementation of on-chip
via hole structures. The switch operates using two
negative control voltage logic lines (A&B) of -5/0V
and requires no Vee. Alternate A & B control pads
are provided to ease MIC implementation. All data
shown is tested with the chip in a 50 Ohm test fixture
connected via 0.025 mm (1 mil) diameter wire bonds
of 0.5 mm (20 mils) length. This product is a form, fit
& functional replacement for the HMC132.
High Isolation: >50 dB @ 10 GHz
Low Insertion Loss: 1.4 dB @ 6 GHz
Non-Reflective Design
Die Size: 1.04 mm x 2.05 mm x 0.1 mm
Direct Replacement for HMC132
Electrical Specifications, T
A = +25° C, With 0/-5V Control, 50 Ohm System
Typical Applications
Broadband switch for DC - 15 GHz applications:
• Fiber Optics
• Microwave Radio
• Military & Space
• Test Equipment
• VSAT
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 6 GHz
DC - 10 GHz
DC - 15 GHz
1.4
2.2
3.1
1.7
2.5
3.4
dB
db
dB
Isolation
DC - 6 GHz
DC - 10 GHz
DC - 15 GHz
50
45
40
55
50
45
dB
dB
dB
Return Loss
“On State”
DC - 6 GHz
DC - 15 GHz
18
12
dB
dB
Return Loss RF1, RF2
“Off State”
DC - 6 GHz
DC - 15 GHz
14
13
dB
dB
Input Power for 1 dB Compression
0.5 - 15 GHz
21
26
dBm
Input Third Order Intercept
(Two-Tone Input Power= +7 dBm Each Tone, 1 MHz Tone Separation)
0.5 - 15 GHz
44
49
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 15 GHz
3
5
ns
ns


Similar Part No. - HMC232

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
207Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15 GHz
logo
Micross Components
HMC232 MICROSS-HMC232 Datasheet
853Kb / 9P
Assembly Assistance
logo
Analog Devices
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC232ALP4E AD-HMC232ALP4E Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
More results

Similar Description - HMC232

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC232 HITTITE-HMC232_09 Datasheet
207Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15 GHz
HMC232LP4 HITTITE-HMC232LP4_10 Datasheet
246Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC347ALP3E AD-HMC347ALP3E Datasheet
387Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14 GHz
HMC547ALC3 AD-HMC547ALC3 Datasheet
454Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com