Electronic Components Datasheet Search
  English  ▼

X  

HMC232 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC232
Description  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC232 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC232 Datasheet HTML 1Page - Hittite Microwave Corporation HMC232 Datasheet HTML 2Page - Hittite Microwave Corporation HMC232 Datasheet HTML 3Page - Hittite Microwave Corporation HMC232 Datasheet HTML 4Page - Hittite Microwave Corporation HMC232 Datasheet HTML 5Page - Hittite Microwave Corporation HMC232 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
7 - 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
7
HMC232
v02.1203
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 15.0 GHz
Truth Table
Absolute Maximum Ratings
Control Voltages
Outline Drawing
Control Input
Signal Path State
A
B
RFC to RF1
RFC to RF2
High
Low
ON
OFF
Low
High
OFF
ON
State
Bias Condition
Low
0 to -0.2V @ 10 uA Max.
High
-5V @ 10 uA Typ. to -7V @ 45 uA Typ.
RF Input Power (Vctl = -5V)
(0.5 - 15 GHz)
+30 dBm (@ +50 °C)
Control Voltage Range (A & B)
+1.0V to -7.5 Vdc
Channel Temperature
150 °C
Thermal Resistance
92 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
NOTES:
1. ALL DIMENSIONS IN INCHES [MILLIMETERS]
2. BOND PADS ARE 0.004” SQUARE
3. TYPICAL BOND PAD SPACING CENTER TO CENTER IS .006”
4. BACKSIDE METALIZATION: GOLD
5. BOND PAD METALIZATION: GOLD
6. BACKSIDE OF DIE IS GROUND
7. DIE THICKNESS IS .004”
8. NO CONNECTION REQUIRED FOR UNLABLED BOND PADS
Caution: Do not “Hot Switch” power levels greater than +26 dBm
(Vctl = 0/-5 Vdc).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com