Electronic Components Datasheet Search
  English  ▼

X  

HMC232 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC232
Description  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC232 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC232 Datasheet HTML 1Page - Hittite Microwave Corporation HMC232 Datasheet HTML 2Page - Hittite Microwave Corporation HMC232 Datasheet HTML 3Page - Hittite Microwave Corporation HMC232 Datasheet HTML 4Page - Hittite Microwave Corporation HMC232 Datasheet HTML 5Page - Hittite Microwave Corporation HMC232 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MICROWAVE CORPORATION
7 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
7
HMC232
v02.1203
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 15.0 GHz
Pad Number
Function
Description
Interface Schematic
2, 5, 8, 10
A
See truth table and control voltage table.
Alternate A & B control pads provided.
3, 6, 9
B
See truth table and control voltage table.
Alternate A & B control pads provided.
1, 4, 7
RF1, RFC, RF2
This pad is DC coupled and matched to 50 Ohms. Blocking capacitors
are required if the RF line potential is not equal to 0V.
GND
Die bottom must be connected to RF ground.
Pad Descriptions
Suggested Driver Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com