Electronic Components Datasheet Search
  English  ▼

X  

9602 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 9602
Description  Dual Retriggerable, Resettable One Shots
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

9602 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  9602 Datasheet HTML 1Page - National Semiconductor (TI) 9602 Datasheet HTML 2Page - National Semiconductor (TI) 9602 Datasheet HTML 3Page - National Semiconductor (TI) 9602 Datasheet HTML 4Page - National Semiconductor (TI) 9602 Datasheet HTML 5Page - National Semiconductor (TI) 9602 Datasheet HTML 6Page - National Semiconductor (TI) 9602 Datasheet HTML 7Page - National Semiconductor (TI) 9602 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Operating Rules (Continued)
B Use with high inverse leakage current electrolytic ca-
pacitors
The diode in this configuration prevents high inverse
leakage currents through the capacitor by preventing
an inverse voltage across the capacitor The use of
this configuration is not recommended with retriggera-
ble operation
t
03 RCX
TLF6611 – 5
C Use to obtain extended pulse widths
This configuration can be used to obtain extended
pulse widths because of the larger timing resistor al-
lowed by beta multiplication Electrolytics with high in-
verse leakage currents can be used
R k RX (07) (hFE Q1) or k 25 MX whichever is the
lesser
RX (min) k RY k RX (max)
(5 kX s RY s 10 kX is recommended)
Q1 NPN silicon transistor with hFE requirements of
above equations such as 2N5961 or 2N5962
t
03 RCX
TLF6611 – 6
This configuration is not recommended with retriggera-
ble operation
5 To obtain variable pulse width by remote trimming the
following circuit is recommended
TLF6611 – 7
6 Under any operating condition CX and RX (min) must be
kept as close to the circuit as possible to minimize stray
capacitance and reduce noise pickup
7 Input Trigger Pulse Rules (See Triggering Truth Table)
TLF6611 – 8
Input to Pin 5(11)
(Pin 3(13) e HIGH)
Pin 4(12) e LOW
t1 t3 e Min Positive Input Pulse Width l 40 ns
t2 t4 e Min Negative Input Pulse Width l 40 ns
TLF6611 – 9
Input to Pin 4(12)
(Pin 3(13) e HIGH)
Pin 5(11) e HIGH
8 The retriggerable pulse width is calculated as shown be-
low
tW e t a tPLH e KRX CX
1a 1R
X
J atPLH
TLF6611 – 10
The retrigger pulse width is equal to the pulse width (t) plus a delay time For
pulse widths greater than 500 ns tW can be approximated as t Retriggering will
not occur if the retrigger pulse comes within
03 CX (ns) after the initial trigger
pulse (ie during the discharge cycle)
9 Reset OperationAn overriding clear (active LOW level)
is provided on each one shot By applying a LOW to the
reset any timing cycle can be terminated or any new cy-
cle inhibited until the LOW reset input is removed Trigger
inputs will not produce spikes in the output when the re-
set is held LOW
TLF6611 – 11
10 VCC and Ground wiring should conform to good high
frequency standards so that switching transients on VCC
and Ground leads do not cause interaction between one
shots Use of a 001 to 01 mF bypass capacitor be-
tween VCC and Ground located near the DM9602 is rec-
ommended
For further detailed device characteristics and output performance please
refer to the NSC one-shot application note AN-366
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com