Electronic Components Datasheet Search
  English  ▼

X  

9602 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 9602
Description  Dual Retriggerable, Resettable One Shots
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

9602 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  9602 Datasheet HTML 1Page - National Semiconductor (TI) 9602 Datasheet HTML 2Page - National Semiconductor (TI) 9602 Datasheet HTML 3Page - National Semiconductor (TI) 9602 Datasheet HTML 4Page - National Semiconductor (TI) 9602 Datasheet HTML 5Page - National Semiconductor (TI) 9602 Datasheet HTML 6Page - National Semiconductor (TI) 9602 Datasheet HTML 7Page - National Semiconductor (TI) 9602 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF6611
June 1989
9602DM9602 Dual Retriggerable
Resettable One Shots
General Description
These dual resettable retriggerable one shots have two in-
puts per function one which is active high and one which is
active low This allows the designer to employ either lead-
ing-edge or trailing-edge triggering which is independent of
input transition times When input conditions for triggering
are met a new cycle starts and the external capacitor is
allowed to rapidly discharge and then charge again The
retriggerable feature permits output pulse widths to be ex-
tended In fact a continuous true output can be maintained
by having an input cycle time which is shorter than the out-
put cycle time The output pulse may then be terminated at
any time by applying a low logic level to the RESET pin
Retriggering may be inhibited by either connecting the Q
output to an active high input or the Q output to an active
low input
Features
Y
70 ns to % output width range
Y
Resettable and retriggerable0% to 100% duty cycle
Y
TTL input gatingleading or trailing edge triggering
Y
Complementary TTL outputs
Y
Optional retrigger lock-out capability
Y
Pulse width compensated for VCC and temperature
variations
Y
Alternate MilitaryAerospace device (54xxx) is available
Contact a National Semiconductor Sales OfficeDistrib-
utor for specifications
Connection Diagram
Dual-In-Line Package
TLF6611 – 1
Order Number 9602DMQB 9602FMQB or DM9602N
See NS Package Number J16A N16E or W16A
Function Table
Pin No’s
Operation
A
B
CLR
H
xL
L
H
Trigger
HL
xH
H
Trigger
X
X
L
Reset
H e High Voltage Level
L e Low Voltage Level
X e Don’t Care
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 9602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9602 ETC2-9602 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Keystone Electronics Co...
9602 KEYSTONE-9602 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
TriQuint Semiconductor
9602-1111-018 TRIQUINT-9602-1111-018 Datasheet
1,005Kb / 8P
2.4 GHz WLAN/BTLTE Co-Existence Filter
9602-1111-018 TRIQUINT-9602-1111-018 Datasheet
3Mb / 16P
WiFi/LTE BAW Diplexer
logo
Qorvo, Inc
9602-1111-018 QORVO-9602-1111-018 Datasheet
368Kb / 8P
2.4 GHz WLAN/BT LTE Co-Existence Filter
More results

Similar Description - 9602

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
DM9602 FAIRCHILD-DM9602 Datasheet
84Kb / 6P
Dual Retriggerable, Resettable One Shots
DM96L02 FAIRCHILD-DM96L02 Datasheet
68Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
DM96LS02 FAIRCHILD-DM96LS02 Datasheet
102Kb / 8P
Dual Retriggerable Resettable Monostable Multivibrator
DM96S02 FAIRCHILD-DM96S02 Datasheet
80Kb / 7P
Dual Retriggerable Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD74AC123A HITACHI-HD74AC123A Datasheet
50Kb / 9P
Dual Retriggerable Resettable Multivibrator
HD74HC4538 HITACHI-HD74HC4538 Datasheet
81Kb / 16P
Dual Precision Retriggerable/Resettable Monostable Multivibrators
logo
Renesas Technology Corp
HD74AC123A RENESAS-HD74AC123A Datasheet
249Kb / 7P
Dual Retriggerable Resettable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com