Electronic Components Datasheet Search
  English  ▼

X  

9602 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 9602
Description  Dual Retriggerable, Resettable One Shots
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

9602 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  9602 Datasheet HTML 1Page - National Semiconductor (TI) 9602 Datasheet HTML 2Page - National Semiconductor (TI) 9602 Datasheet HTML 3Page - National Semiconductor (TI) 9602 Datasheet HTML 4Page - National Semiconductor (TI) 9602 Datasheet HTML 5Page - National Semiconductor (TI) 9602 Datasheet HTML 6Page - National Semiconductor (TI) 9602 Datasheet HTML 7Page - National Semiconductor (TI) 9602 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
Military
Commercial
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input
TA eb55 C2
Voltage
TA e 0 C
19
TA e 25 C
17
18
V
TA e 75 C
165
TA e 125 C
15
VIL
Low Level Input
TA eb55 C
085
Voltage
TA e 0 C
085
TA e 25 C
09
085
V
TA e 75 C
085
TA e 125 C
085
IOH
High Level Output Current
b
08
b
08
mA
IOL
Low Level Output Current
16
16
mA
TA
Free Air Operating Temperature
b
55
125
0
75
C
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions (Note 3)
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
Voltage
VIL e Max VIH e Min
24
V
(Note 4)
VOL
Low Level Output
VCC e Min IOL e Max
MIL
04
Voltage
VIL e Max VIH e Min
COM
045
V
(Note 4)
IIH
High Level Input Current
VCC e Max VI e 45V
60
m
A
IIL
Low Level Input
VCC e Max
MIL VI e 040V
b
16
Current
COM VI e 045V
b
16
mA
VCC e Min
MIL VI e 040V
b
124
COM VI e 045V
b
141
IOS
Short Circuit
VCC e Max VOUT e 1V
MIL
b
25
mA
Output Current
(Notes 2 and 4)
COM
b
35
ICC
Supply Current
VCC e Max
MIL
39
45
mA
COM
39
50
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Note 3
Unless otherwise noted RX e 10k for all tests
Note 4
Ground PIN 1(15) for VOL on PIN 7(9) or VOH and IOS on PIN 6(10) and apply momentary ground to PIN 4(12) Open PIN 1(15) for VOL on PIN 6(10) or VOH
and IOS on PIN 7(9)
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com