Electronic Components Datasheet Search
  English  ▼

X  

NPT2021 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # NPT2021
Description  Suitable for linear and saturated applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2021 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  NPT2021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GaN Wideband Transistor 48 V, 45 W
DC - 2.5 GHz
Rev. V1
NPT2021
5
55
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Parts measured on evaluation board (30-mil thick
RO4350). The PCB’s electrical and thermal ground
is provided using a standard-plated densely packed
via hole array (see recommended via pattern).
Matching is provided using a combination of
lumped elements and transmission lines as shown
in the simplified schematic above. Recommended
tuning solution component placement, transmission
lines, and details are shown on the next page.
Evaluation Board and Recommended Tuning Solution
2.5 GHz Narrowband Circuit
Description
Turning the device ON
1. Set VGS to the pinch-off (VP), typically -5 V.
2. Turn on VDS to nominal voltage (48 V).
3. Increase VGS until the IDS current is reached.
4. Apply RF power to desired level.
Turning the device OFF
1. Turn the RF power off.
2. Decrease VGS down to VP.
3. Decrease VDS down to 0 V.
4. Turn off VGS.
Bias Sequencing
C14
3.0 pF
C4
1000 pF
C3
0.01
mF
C2
0.1
mF
C1
1.0
mF
VGS
VDS
C16
0.5 pF
C15
2.4 pF
RF
Out
NPT2021
C5
1.0
mF
C6
0.1
mF
C7
0.01
mF
C8
1000pF
C13
0.5 pF
RF
In
C9
10 pF
C11
18 pF
C12
18 pF
R1
24.9
L1
22 nH
C10
15 pF
R2
0
C17
2.4 pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com