Electronic Components Datasheet Search
  English  ▼

X  

NPT2021 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # NPT2021
Description  Suitable for linear and saturated applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2021 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  NPT2021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GaN Wideband Transistor 48 V, 45 W
DC - 2.5 GHz
Rev. V1
NPT2021
1
11
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
*
Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Ordering Information
Part Number
Package
NPT2021
Bulk Quantity
NPT2021-SMBPPR
Sample Board
Features
 GaN on Si HEMT D-Mode Transistor
 Suitable for linear and saturated applications
 Tunable from DC - 2.5 GHz
 48 V Operation
 16.5 dB Gain at 2.5 GHz
 55 % Drain Efficiency at 2.5 GHz
 100 % RF Tested
 TO-272 Package
 RoHS* Compliant and 260°C reflow compatible
Description
The NPT2021 GaN HEMT is a wideband transistor
optimized for DC - 2.5 GHz operation. This device
supports CW, pulsed, and linear operation with
output power levels to 45 W in an industry standard
plastic package with bolt down flange.
The NPT2021 is ideally suited for defense
communications,
land
mobile
radio,
avionics,
wireless infrastructure, ISM applications and VHF/
UHF/L/S-band radar.
Built using the SIGANTIC® process - a proprietary
GaN-on-Silicon technology.
Pin Configuration
Functional Schematic
Pin No.
Pin Name
Function
1
RFIN / VG
RF Input / Gate
2
RFOUT / VD
RF Output / Drain
3
Pad1
Ground / Source
1. The exposed pad centered on the package bottom must be
connected to RF and DC ground. This path must also
provide a low thermal resistance heat path.
1
3
2


Similar Part No. - NPT2021

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2021 MA-COM-NPT2021 Datasheet
12Mb / 9P
Next generation high power RF semiconductor technology
NPT2021-DC-2P2GHZ-50W MA-COM-NPT2021-DC-2P2GHZ-50W Datasheet
951Kb / 4P
Gallium Nitride 48V, 50W, DC-2.2 GHz HEMT
More results

Similar Description - NPT2021

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S19130HR3 FREESCALE-MRF5S19130HR3 Datasheet
415Kb / 12P
Suitable for TDMA, CDMA and multicarrier amplifier applications.
logo
Axiomtek Co., Ltd.
FID AXIOMTEK-FID Datasheet
186Kb / 1P
Suitable for high demanding applications
logo
jb Capacitors Company
JRG JBCAPACITORS-JRG Datasheet
211Kb / 2P
Suitable for long life applications
logo
Marl International Limi...
651-105-21 MARL-651-105-21_13 Datasheet
430Kb / 5P
Suitable for high vibration applications
515-501-04 MARL-515-501-04_13 Datasheet
397Kb / 5P
Suitable for high vibration applications
514-105-21 MARL-514-105-21_13 Datasheet
373Kb / 4P
Suitable for high vibration applications
logo
MTRONPTI
PA4002P MTRONPTI-PA4002P Datasheet
318Kb / 3P
Suitable for linear pulse applications
logo
PHOENIX CONTACT
2230001 PHOENIX-2230001 Datasheet
58Kb / 2P
Suitable for outdoor/indoor applications
2230005 PHOENIX-2230005 Datasheet
58Kb / 2P
Suitable for outdoor/indoor applications
2230009 PHOENIX-2230009 Datasheet
57Kb / 2P
Suitable for outdoor/indoor applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com