Electronic Components Datasheet Search
  English  ▼

X  

HMC313 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC313
Description  GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC313 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC313 Datasheet HTML 1Page - Hittite Microwave Corporation HMC313 Datasheet HTML 2Page - Hittite Microwave Corporation HMC313 Datasheet HTML 3Page - Hittite Microwave Corporation HMC313 Datasheet HTML 4Page - Hittite Microwave Corporation HMC313 Datasheet HTML 5Page - Hittite Microwave Corporation HMC313 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
8 - 72
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
Pin Number
Function
Description
Interface Schematic
1
RFOUT
This pin is DC coupled. An off chip DC blocking capacitor is
required.
3
RFIN
This pin is DC coupled. An off chip DC blocking capacitor is
required.
2, 4-6
GND
These pins must be connected to RF/DC ground.
HMC313
GaAs InGaP HBT MMIC BROADBAND
AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
v02.0703
Note:
1. Select Rbias to achieve desired Vcc voltage on Pin 1.
2. External Blocking Capacitors are required on Pins 1 & 3.
3. See “Application Notes” section for HMC313 Application Circuit.
Application Circuit
Pin Descriptions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com