Electronic Components Datasheet Search
  English  ▼

X  

HMC313 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC313
Description  GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC313 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC313 Datasheet HTML 1Page - Hittite Microwave Corporation HMC313 Datasheet HTML 2Page - Hittite Microwave Corporation HMC313 Datasheet HTML 3Page - Hittite Microwave Corporation HMC313 Datasheet HTML 4Page - Hittite Microwave Corporation HMC313 Datasheet HTML 5Page - Hittite Microwave Corporation HMC313 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
8 - 68
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC313
GaAs InGaP HBT MMIC BROADBAND
AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
v02.0703
General Description
Features
The HMC313 is a GaAs InGaP Heterojunction
Bipolar Transistor (HBT) MMIC amplifier that
operates from a single Vcc supply.
The surface
mount
SOT26
amplifier
can
be
used
as
a
broadband gain stage or used with external
matching for optimized narrow band applications.
With Vcc biased at +5V, the HMC313 offers 17 dB
of gain and +15 dBm of saturated power while only
requiring 50 mA of current. The “HMC313 Biasing
and Impedance Matching Techniques” application
note available within the “Application Notes” section
offers recommendations for narrow band operation.
P1dB Output Power: +14 dBm
Output IP3: +27 dBm
Gain: 17 dB
Single Supply: +5V
High Reliability GaAs HBT Process
Ultra Small Package: SOT26
Ideal as a Driver & Amplifier for:
• 2.2 - 2.7 GHz MMDS
• 3.5 GHz Wireless Local Loop
• 5.0 - 6.0 GHz UNII & HiperLAN
Electrical Specifications, T
A = +25 °C
Parameter
Vcc = +5V
Units
Min.
Typ.
Max.
Frequency Range
DC - 6
GHz
Gain
14
17
20
dB
Gain Variation Over Temperature
0.02
0.03
dB/°C
Input Return Loss
7dB
Output Return Loss
6dB
Reverse Isolation
30
dB
Output Power for 1 dB Compression (P1dB) @ 1.0 GHz
11
14
dBm
Saturated Output Power (Psat) @ 1.0 GHz
15
dBm
Output Third Order Intercept (IP3) @ 1.0 GHz
24
27
dBm
Noise Figure
6.5
dB
Supply Current (Icc)
50
mA
Functional Diagram
Typical Applications


Similar Part No. - HMC313

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC313 HITTITE-HMC313 Datasheet
215Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6 GHz
HMC313 HITTITE-HMC313 Datasheet
215Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6 GHz
HMC313 HITTITE-HMC313 Datasheet
271Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
logo
Analog Devices
HMC313 AD-HMC313 Datasheet
309Kb / 6P
High Reliability GaAs HBT Process
HMC313 AD-HMC313 Datasheet
1Mb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC
More results

Similar Description - HMC313

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC311LP3 HITTITE-HMC311LP3 Datasheet
264Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
logo
Mimix Broadband
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7012-BD MIMIX-CGB7012-BD Datasheet
492Kb / 7P
DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7015-BD MIMIX-CGB7015-BD Datasheet
197Kb / 7P
DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
logo
Hittite Microwave Corpo...
HMC311ST89 HITTITE-HMC311ST89_06 Datasheet
350Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC313 HITTITE-HMC313_07 Datasheet
271Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
HMC313 HITTITE-HMC313_09 Datasheet
215Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6 GHz
logo
Analog Devices
HMC313 AD-HMC313_18 Datasheet
1Mb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com