Electronic Components Datasheet Search
  English  ▼

X  

TPS60141PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60141PWPR
Description  Low Power DC-DC Converter Regulated
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60141PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS60141PWPR Datasheet HTML 1Page - Texas Instruments TPS60141PWPR Datasheet HTML 2Page - Texas Instruments TPS60141PWPR Datasheet HTML 3Page - Texas Instruments TPS60141PWPR Datasheet HTML 4Page - Texas Instruments TPS60141PWPR Datasheet HTML 5Page - Texas Instruments TPS60141PWPR Datasheet HTML 6Page - Texas Instruments TPS60141PWPR Datasheet HTML 7Page - Texas Instruments TPS60141PWPR Datasheet HTML 8Page - Texas Instruments TPS60141PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS60140, TPS60141
www.ti.com
SLVS273A – FEBRUARY 2000 – REVISED NOVEMBER 2015
5 Description (continued)
The logic shutdown function disables the converter, reduces the supply current to a maximum of 1 µA and
disconnects the output from the input. Special current-control circuitry prevents excessive current from being
drawn from the battery during start-up. This DC/DC converter requires no inductors, therefore, EMI is of little
concern. The TPS6014x operates over a free-air temperature range of –40°C to 85°C. It is available in the small,
thermally enhanced 20-pin HTSSOP package (PWP).
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS60140 TPS60141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com