Electronic Components Datasheet Search
  English  ▼

X  

TPS60141PWPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60141PWPR
Description  Low Power DC-DC Converter Regulated
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60141PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS60141PWPR Datasheet HTML 7Page - Texas Instruments TPS60141PWPR Datasheet HTML 8Page - Texas Instruments TPS60141PWPR Datasheet HTML 9Page - Texas Instruments TPS60141PWPR Datasheet HTML 10Page - Texas Instruments TPS60141PWPR Datasheet HTML 11Page - Texas Instruments TPS60141PWPR Datasheet HTML 12Page - Texas Instruments TPS60141PWPR Datasheet HTML 13Page - Texas Instruments TPS60141PWPR Datasheet HTML 14Page - Texas Instruments TPS60141PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
IN
OUT
TPS60140
IN
FB
LBI
LBO
Low
Battery
Warning
Output
5 V, 100 mA
Co
10 µF
R3
R1
R2
C2+
C2−
C2
2.2 µF
C1+
C1−
C1
2.2 µF
NC
ENABLE
PGND
GND
OFF/ON
Ci
4.7 µF
Input
1.8 V to 3.6 V
TPS60140, TPS60141
www.ti.com
SLVS273A – FEBRUARY 2000 – REVISED NOVEMBER 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The TPS6014x charge pumps provide a regulated 5-V output from a 1.8-V to 3.6-V input voltage range. They
can deliver a maximum continuous load current of at least 100 mA at VI = 2 V minimum.
10.2 Typical Application
Figure 6. Typical Application Schematic
10.2.1 Design Requirements
Designed specifically for space-critical battery-powered applications, the complete charge pump circuit requires
only four external capacitors. The design guideline provides a component selection to operate the device within
the Recommended Operating Conditions.
Table 2 shows the list of components for the Application Curves.
Table 2. Components for Application Curves
REFERENCE
VALUE
DESCRIPTION
MANUFACTURER
PART NUMBER
C1, C2
2.2 µF
Ceramic flying capacitors
Taiyo Yuden
EMK316BJ225KL-T
CIN
4.7 µF
Ceramic input capacitor
Taiyo Yuden
LMK316BJ475KL-T
COUT
10 µF
Ceramic output capacitor
Taiyo Yuden
JMK316BJ106ML-T
LBI input voltage
R1
357 k
Ω
E96-Series
adjustment
LBI input voltage
R2
619 k
Ω
E96-Series
adjustment
Pullup resistor for the
R3
1 M
Ω
open-drain output LBO
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS60140 TPS60141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com