Electronic Components Datasheet Search
  English  ▼

X  

PI6C49006 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C49006
Description  Embedded Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49006 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C49006 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
www.pericom.com
P-0.1
07/02/12
PI6C49006
Embedded Clock Generator
All trademarks are property of their respective owners.
Serial Data Interface (SMBus)
PI6C49006 is a slave only SMBus device that supports indexed block read and indexed block write protocol using a single 7-bit ad-
dress and read/write bit as shown below.
Address Assignment
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
0
0
1
0/1
How to Write
1 bit
8 bits
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1
1 bit
Start
bit
D2H
Ack
Register
offset
Ack
Byte
Count = N
Ack
Data Byte
0
Ack
…
Data Byte
N - 1
Ack Stop bit
Note:
1.
Register offset for indicating the starting register for indexed block write and indexed block read. Byte Count in write mode cannot be 0.
Byte 0: Spread Spectrum Control Register
Bit
Description
Type
Power Up
Condition
Output(s)
Affected
Notes
7
OE for OutB_2
RW
1
50/66/100/133 MHz
selectable LVCMOS
output
0 = disabled
1 = enabled
6
Enables hardware or software control of OE bits
(see Byte 0–Bit 6 and Bit 5 Functionality table)
RW
0
RESET# pin, bit 5
0 = hardware cntl
1 = software ctrl
5
Software RESET# bit. Enables or disables all
outputs
(see Byte 0–Bit 6 and Bit 5 Functionality table)
RW
1
All outputs
0 = disabled
1 = enabled
4
Frequency margining select bit FM3
RW
1
OutB_2,3
See OutB_2,3 Fre-
quency Margining
Table on Page 5
3
Frequency margining select bit FM2
RW
0
2
Frequency margining select bit FM1
RW
1
1
Frequency margining select bit FM0
RW
0
0
OE for OutB_3
RW
1
50/66/100/133 MHz
selectable LVCMOS
output
0 = disabled
1 = enabled
How to Read (M: abbreviation for Master or Controller; S: abbreviation for slave/clock)
1 bit
8 bits
1 bit
8 bits
1 bit
1 bit
8 bits
1 bit
8 bits
1 bit
8 bits
1 bit
…
8 bits
1 bit
1 bit
M:
Start
bit
M:
Send
"D2h"
S:
sends
Ack
M: send
starting
databyte
location:
N
S:
sends
Ack
M:
Start
bit
M:
Send
"D3h"
S:
sends
Ack
S:
sends
# of
data
bytes
that
will
be
sent:
X
M:
sends
Ack
S:
sends
start-
ing
data
byte
N
M:
sends
Ack
…
S:
sends
data
byte
N+X-
1
M:
Not
Ac-
knowl-
edge
M:
Stop
bit
12-0212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com