Electronic Components Datasheet Search
  English  ▼

X  

PI6C49006 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C49006
Description  Embedded Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49006 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C49006 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
www.pericom.com
P-0.1
07/02/12
PI6C49006
Embedded Clock Generator
All trademarks are property of their respective owners.
Byte 4 & 5: Control Register
Bit
Description
Type
Power Up Condi-
tion
Output(s) Affected
Notes
7 to 0
Reserved
R
Undefined
Not Applicable
Byte 6: Control Register
Bit
Description
Type
Power Up Condi-
tion
Output(s) Affected
Notes
7
Revivsion ID bit 3
R
0
Not Applicable
6
Revivsion ID bit 2
R
0
Not Applicable
5
Revivsion ID bit 1
R
0
Not Applicable
4
Revivsion ID bit 0
R
0
Not Applicable
3
Vendor ID bit 3
R
0
Not Applicable
2
Vendor ID bit 2
R
0
Not Applicable
1
Vendor ID bit 1
R
1
Not Applicable
0
Vendor ID bit 0
R
1
Not Applicable
Byte 3: Control Register
Bit
Description
Type
Power Up Con-
dition
Output(s) Affected
Notes
7
Reserved
RW
Undefined
Not Applicable
6
Reserved
RW
1
Not Applicable
5
Reserved
RW
1
Not Applicable
4
OE for 100M_Out3 HCSL Output
RW
1
100M_Out3
0 = disabled
1 = enabled
3
OE for 100M_Out2 HCSL Output
RW
1
100M_Out2
0 = disabled
1 = enabled
2
OE for 100M_Out1 HCSL Output
RW
1
100M_Out1
0 = disabled
1 = enabled
1
OE for 100M_Out0 HCSL Output
RW
1
100M_Out0
0 = disabled
1 = enabled
0
Reserved
R
Undefined
Not Applicable
12-0212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com