Electronic Components Datasheet Search
  English  ▼

X  

PI6C49006 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C49006
Description  Embedded Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49006 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C49006 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49006 Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
www.pericom.com
P-0.1
07/02/12
PI6C49006
Embedded Clock Generator
All trademarks are property of their respective owners.
Recommended Operation Conditions1 (Over operating free-air temperature range)
Symbol
Parameters
Min.
Max.
Units
V
DD
3.3V I/O Supply Voltage
-0.5
4.6
V
V
IH
Input High Voltage
4.6
V
IL
Input Low Voltage
-0.5
Ts
Storage Temperature
-65
150
°C
V
ESD
ESD Protection
2000
V
Maximum Supply Voltage, V
DD.............................................................. 7V
All Inputs and Outputs ................................................ –0.5V to V
DD +0.5V
Ambient Operating Temperature........................................... 0°C to +70°C
Storage Temperature........................................................ –65°C to +150°C
Junction Temperature ........................................................................125°C
Peak Soldering Temperature..............................................................260°C
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics
Unless otherwise specified, V
DD=3.3V±5%, Ambient Temperature 0°C to +70°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Supply Volt-
age
V
DD
3.135
3.465
V
Analog Supply Voltage V
DDA
3.135
3.465
Input High Voltage
V
IH
2
V
DD
Input Low Voltage
V
IL
–0.3
0.8
Input High Voltage
V
IH
SDATA, SCLK, FS4
0.7V
DD
V
DD
Input Low Voltage
V
IL
SDATA, SCLK, FS4
0.3V
DD
Operating Supply Cur-
rent
I
DD
197
230
mA
IDD at Output Disable
Condition
RESET# = 0
4.3
Internal Pull-Up/Pull-
Down Resistor
R
PU/RPD
RESET#
216
k–Ohm
All single-ended outputs
75
Input Capacitance
C
IN
All input pins
6
pF
Pin FS4 External Pull-
Up/Pull-Down Resistor RFS4Ext
470
Ohm
12-0212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com