Electronic Components Datasheet Search
  English  ▼

X  

PI6C49015 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C49015
Description  Embedded Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49015 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C49015 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.pericom.com
P-0.1
02/29/12
PI6C49015
Embedded Clock Generator
Byte 0 - Bit 6 and Bit 5 Functionality
Bit 6
Bit 5
Description
0
X
PD_RESET HW pin/signal = enabled
1
0
Disables all outputs and tri-states the outputs, PD_RESET HW pin/signal = DO NOT CARE
1
1
Enable all outputs, PD_RESET HW pin/signal = DON'T CARE
Byte 1: Control Register
Bit
Description
Type
Power Up Con-
dition
Output(s) Affected
Notes
7
Reserved
RW
Undefined
Not Applicable
6
OE for 25M_Out1
RW
1
25M_Out1
0 = disabled
1 = enabled
5
Reserved
RW
Undefined
Not Applicable
4
OE for 100M_Q4 HCSL output
RW
1
100M_Q4
0=disable
1 = enabled
3
Reserved
RW
Undefined
Not Applicable
2
OE for 100M_Q3 HCSL output
RW
1
100M_Q3
0=disable
1 = enabled
1 to 0
Reserved
RW
Undefined
Not Applicable
Byte 2: Control Register
Bit
Description
Type
Power Up Condi-
tion
Output(s) Affected
Notes
7 to 5
Reserved
RW
Undefined
Not Applicable
4 to 0
Reserved
R
Undefined
Not Applicable
12-0168



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com