Electronic Components Datasheet Search
  English  ▼

X  

PI6C49015 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C49015
Description  Embedded Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49015 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C49015 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.pericom.com
P-0.1
02/29/12
PI6C49015
Block Diagram
Description
The PI6C49015 is a high performance networking clock
generator which generates PCIe 2.0 Compliant 100MHz HCSL
clock signals along with two LVCMOS 25MHz clock from either
25MHz crystal or reference input. This integrated solution is
ideal for Networking, Embedded systems and other systems that
require PCIe 1.0 and 2.0 HCSL signals and 25MHz clocks yet
small foot print.
Applications
Î
Networking systems
Î
Embedded systems
Î
Other systems
Features
Î
3.3V ±10% supply voltage
Î
25MHz XTAL or reference clock input
Î
Five PCIe® 2.0 Compliant 100MHz selectable HCSL outputs
with -0.5% spread
– default is spread off
Î
Two 25MHz LVCMOS output
Î
Industrial temperature range: -40°C to 85°C
Î
Packaging (Pb free and Green)
à
TSSOP 28 (L)
Embedded Clock Generator
Crystal
Ocillator
PLL Clock Synthesis
& Spread Spectrum
& Control Circuit
X1/REFIN
X2
5
100MHz
Q_25M
SCLK
SDATA
475 Ohm
IREF
2
IREF
100M_Q4-
100M_Q4+
100M_Q3-
100M_Q3+
SCLK
SDATA
GND_25M
25M_OUT1
25M_OUT2
VDD_25M
GND_XTAL
X1
GND0_100M
100M_Q0-
100M_Q0+
100M_Q1+
100M_Q1-
VDDA
GNDA
VDDO_100M
VDDO_100M
GNDO_100M
100M_Q2+
100M_Q2-
VDD_XTAL
X2
O
PDRESET
Pin Configuration
12-0168


Similar Part No. - PI6C49015

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
Networking Clock Generator
PI6C49014LIE PERICOM-PI6C49014LIE Datasheet
1,016Kb / 12P
Networking Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6C49016ZDIE PERICOM-PI6C49016ZDIE Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
Low Power Networking Clock Generator
More results

Similar Description - PI6C49015

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
CLOCK GENERATOR
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
Clock Generator
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
Clock Generator
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
Clock Generator
July, 2014 ??Rev. 1
logo
Pericom Semiconductor C...
PI6C49006 PERICOM-PI6C49006 Datasheet
940Kb / 15P
Embedded Clock Generator
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
Clock Generator
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com