Electronic Components Datasheet Search
  English  ▼

X  

PI6C49015 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C49015
Description  Embedded Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49015 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C49015 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49015 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.pericom.com
P-0.1
02/29/12
PI6C49015
Embedded Clock Generator
Pin Description
Pin # Pin Name
Pin Type
Pin Description
1
IREF
Output
Connect to 475-Ohm resistor to set HCSL output drive current
2
100M_Q4-
Output
100MHz HCSL output
3
100M_Q4+
Output
100MHz HCSL output
4
100M_Q3-
Output
100MHz HCSL output
5
100M_Q3+
Output
100MHz HCSL output
6
SCLK
Input
SMBus compatible input clock. Supports fast mode 400 kHz input clock
7
SDATA
I/O
SMBus compatible data line
8
GND_25M
Power
Ground for 25MHz output
9
25M_OUT1
Output
25MHz LVCMOS output. When disabled, output is trisated and has a normal
110kOhm pull-down
10
25M_OUT2
Output
25MHz LVCMOS output. When disabled, output is trisated and has a normal
110kOhm pull-down
11
VDD_25M
Power
3.3V supply for 25MHz output
12
GND_XTAL
Power
Ground for XTAL
13
PDRESET
Input
Power on reset, when low all PLLs are powered down and output trisated. SMBus
registers are reset to default values
14
X1
Input
Crystal input. Integrated 6pf capacitance
15
X2
Output
Crystal output. Integrated 6pf capacitance
16
VDD_XTAL
Power
3.3V supply for XTAL
17
100M_Q2-
Output
100MHz HCSL output
18
100M_Q2+
Output
100MHz HCSL output
19
GNDO_100M
Output
Ground for 100MHz output buffer
20
VDDO_100M
Power
3.3V supply for 100MHz output buffer
21
VDDO_100M
Power
3.3V supply for 100MHz output buffer
22
GNDA
Power
Ground for 100MHz related PLL
23
VDDA
Power
3.3V supply for 100MHz related PLL
24
100M_Q1-
Output
100MHz HCSL output
25
100M_Q1+
Output
100MHz HCSL output
26
100M_Q0+
Output
100MHz HCSL output
27
100M_Q0-
Output
100MHz HCSL output
28
GNDO_100M
Power
Ground for 100MHz output buffer
12-0168



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com