Electronic Components Datasheet Search
  English  ▼

X  

HMC365 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC365
Description  GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC365 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC365 Datasheet HTML 1Page - Hittite Microwave Corporation HMC365 Datasheet HTML 2Page - Hittite Microwave Corporation HMC365 Datasheet HTML 3Page - Hittite Microwave Corporation HMC365 Datasheet HTML 4Page - Hittite Microwave Corporation HMC365 Datasheet HTML 5Page - Hittite Microwave Corporation HMC365 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
3 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
3
GaAs HBT MMIC
DIVIDE-BY-4, DC - 13.0 GHz
HMC365
Truth Table
v03.0404
Function
Pin
5V
GND
Float
DISABLE
14
Output Off
Output On
X
PWR
DWN
13
Power
Down
Power Up
X
PWR
SEL
10
X
High
Power Output
Low
Power Output
X = State not permitted.
Pad Number
Function
Description
Interface Schematic
10
PWR SEL
In the low power mode, the power select pin is left floating.
By grounding this pin, the output power is increased by
approximately 6 dB.
13
PWR DWN
The power down pin is grounded for normal operation.
Applying 5 volts to this pin will power down this device.
14
DISABLE
The disable pin is grounded for normal operation.
Applying 5 volts to this pin will disable the input buffer amplifier.
Pad Description (continued)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com