Electronic Components Datasheet Search
  English  ▼

X  

HMC365 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC365
Description  GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC365 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC365 Datasheet HTML 1Page - Hittite Microwave Corporation HMC365 Datasheet HTML 2Page - Hittite Microwave Corporation HMC365 Datasheet HTML 3Page - Hittite Microwave Corporation HMC365 Datasheet HTML 4Page - Hittite Microwave Corporation HMC365 Datasheet HTML 5Page - Hittite Microwave Corporation HMC365 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
3 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
3
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
22.7 22.9 23.1 23.3 23.5 23.7 23.9 24.1 24.3 24.5 24.7
TIME (nS)
Output Voltage Waveform,
Pin= 0 dBm, Fout= 882 MHz, T= 25 °C
GaAs HBT MMIC
DIVIDE-BY-4, DC - 13.0 GHz
HMC365
Absolute Maximum Ratings
Outline Drawing
Typical Supply Current vs. Vcc
Note: Divider will operate over full voltage range shown above
v03.0404
RF Input (Vcc = +5V)
+13 dBm
Vcc
+5.5V
VLogic
Vcc -1.6V to Vcc -1.2V
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
Vcc (V)
Icc (mA)
4.75
94
5.0
110
5.25
118
NOTES:
1. ALL DIMENSIONS IN INCHES (MILLIMETERS)
2. ALL TOLERANCES ARE ±0.001 (0.025)
3. DIE THICKNESS IS 0.004 (0.100) BACKSIDE IS GROUND
4. BOND PADS ARE 0.004 (0.100) SQUARE
5. BOND PAD SPACING, CTR-CTR: 0.006 (0.150)
6. BACKSIDE METALLIZATION: GOLD
7. BOND PAD METALLIZATION: GOLD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com