Electronic Components Datasheet Search
  English  ▼

X  

HMC365 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC365
Description  GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC365 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC365 Datasheet HTML 1Page - Hittite Microwave Corporation HMC365 Datasheet HTML 2Page - Hittite Microwave Corporation HMC365 Datasheet HTML 3Page - Hittite Microwave Corporation HMC365 Datasheet HTML 4Page - Hittite Microwave Corporation HMC365 Datasheet HTML 5Page - Hittite Microwave Corporation HMC365 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
3 - 26
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
3
HMC365
GaAs HBT MMIC
DIVIDE-BY-4, DC - 13.0 GHz
General Description
Features
Functional Diagram
The HMC365 is a low noise Divide-by-4 Static
Divider with InGaP GaAs HBT technology that
has a small size of 0.686 mm x 1.295 mm. This
device operates from DC (with a square wave
input) to 13 GHz input frequency with a single
+5.0V DC supply. The low additive SSB phase
noise of -151 dBc/Hz at 100 kHz offset helps the
user maintain good system noise performance.
Ultra Low SSB Phase Noise: -151 dBc/Hz
Wide Bandwidth
Output Power: 5 dBm
Single DC Supply: +5V
Small Size: 0.686 mm x 1.295 mm
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc = 5V
Typical Applications
Prescaler for DC to Ku Band PLL Applications:
• Satellite Communication Systems
• Fiber Optic
• Pt-Pt and Pt-MPt Radios
• VSAT
1. Divider will operate down to DC for square-wave input signal.
2. When operated in high power mode (pin 10 connected to ground).
v03.0404
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
13
14
GHz
Minimum Input Frequency
Sine Wave Input. [1]
0.2
0.5
GHz
Input Power Range
Fin = 1 to 10 GHz
-15
>-20
+10
dBm
Fin = 10 to 12 GHz
-10
>-15
+3
dBm
Fin = 12 to 13 GHz
-5
>-8
+3
dBm
Output Power [2]
Fin = 13 GHz
2
5
dBm
Reverse Leakage
Both RF Outputs Terminated
45
dB
SSB Phase Noise (100 kHz offset)
Pin = 0 dBm, Fin = 6 GHz
-151
dBc/Hz
Output Transition Time
Pin = 0 dBm, Fout = 882 MHz
100
ps
Supply Current (Icc) [2]
110
mA


Similar Part No. - HMC365

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC365 HITTITE-HMC365 Datasheet
193Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC365 HITTITE-HMC365 Datasheet
208Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
logo
Micross Components
HMC365 MICROSS-HMC365 Datasheet
839Kb / 9P
Piont-to-Point and Point-to-Multi-Point Radios
logo
Analog Devices
HMC365 AD-HMC365 Datasheet
301Kb / 6P
Satellite Communication Systems
HMC3653LP3BE AD-HMC3653LP3BE Datasheet
521Kb / 8P
HBT GAIN BLOCK MMIC AMPLIFIER
More results

Similar Description - HMC365

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC362 HITTITE-HMC362 Datasheet
187Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 11.0 GHz
HMC364 HITTITE-HMC364 Datasheet
187Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC364G8 HITTITE-HMC364G8 Datasheet
270Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
HMC365G8 HITTITE-HMC365G8 Datasheet
267Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G Datasheet
264Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC362 HITTITE-HMC362_07 Datasheet
206Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 11 GHz
HMC365 HITTITE-HMC365_07 Datasheet
208Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365S8G HITTITE-HMC365S8G_06 Datasheet
359Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365 HITTITE-HMC365_09 Datasheet
193Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com