Electronic Components Datasheet Search
  English  ▼

X  

TLC59581 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59581
Description  48-Channel, 16-Bit ES-PWM LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59581 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC59581 Datasheet HTML 5Page - Texas Instruments TLC59581 Datasheet HTML 6Page - Texas Instruments TLC59581 Datasheet HTML 7Page - Texas Instruments TLC59581 Datasheet HTML 8Page - Texas Instruments TLC59581 Datasheet HTML 9Page - Texas Instruments TLC59581 Datasheet HTML 10Page - Texas Instruments TLC59581 Datasheet HTML 11Page - Texas Instruments TLC59581 Datasheet HTML 12Page - Texas Instruments TLC59581 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
( )
(
)
(
)
(IOUTXn at VOUTXn
3V) –
IOUTXn at VOUTXn
1V
100
%V
IOUTXn at VOUTXn
1V
3V – 1V
é
ù
=
=
D
=
´
ê
ú
=
ê
ú
ë
û
TLC59581, TLC59582
www.ti.com
SLVSCZ9A – OCTOBER 2015 – REVISED NOVEMBER 2015
Electrical Characteristics (continued)
At VCC = 3.0 V to 5.5 V and TA = –40°C to 85°C, VLED = 5.0 V; Typical values are at VCC = 3.3 V, TA = 25°C (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
All OUTn = on, BC = 0h, CCR/G/B = 81h, VOUTn = 1 to 3 V,
ΔIOLC3
Load regulation(4)
±1
±1.5
%/V
VOUTfix = 1 V, RIREF = 6.2 k
Ω (1 mA target)
All OUTn = on, BC = 7h, CCR/G/B = 1F7h, VOUTn =
VOUTfix = 1 V,
Channel-to-
Constant current error
ΔIOLC4
±1%
±3%
(OUTx0-15, x = R/G/B)
RIREF = 7.5 k
Ω(25 mA target), TA = 25°C, at same color
channel(1)
grouped output of OUTR0-15, OUTG0-15 & OUTB0-15
All OUTn = on, BC = 7h, CCR/G/B = 1F7h, VOUTn =
VOUTfix = 1 V,
Device-to-
Constant current error
ΔIOLC5
±1%
±2%
(OUTx0-15, x = R/G/B)
RIREF = 7.5 k
Ω(25 mA target), TA = 25°C, at same color
device(2)
grouped output of OUTR0-15, OUTG0-15 and OUTB0-15
VCC = 3.0 to 5.5 V, All OUTn = on, BC = 7h, CCR/G/B =
1F7h,
ΔIOLC6
Line regulation(3)
±1
±1.5
%/V
VOUTn = VOUTfix = 1 V, RIREF = 7.5 k
Ω (25 mA target)
All OUTn = on, BC = 7h, CCR/G/B = 1F7h, VOUTn = 1 to 3
V,
ΔIOLC7
±1
±1.5
%/V
Load regulation(4)
VOUTfix = 1 V, RIREF = 7.5 k
Ω (25 mA target)
TTSD
Thermal shutdown threshold(5)
160
170
180
°C
THYS
Thermal shutdown hysterisis
10
°C
VISP(in)
IREF resistor short protection threshold
0.15
0.195
V
IREF resistor short-protection release
V
VISP(out)
0.325
0.4
threshold
RPDWN
Pull-down resistor
LAT
250
500
750
k
Ω
RPUP
Pull-up resistor
GCLK
250
500
750
k
Ω
All OUTn = on, BC = 4h, CCR/G/B = 137h, RIREF = 7.5 k
Ω.
0.32
0.35
V
Vknee
(5)
Knee voltage (OUTX 0~15), X = R/G/B
(Io = 10 mA target)
(4)
Load regulation is calculated by the following equation. (X = R or G or B, n = 0~15):
spacer
(5)
Specified by design.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
TLC59582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com