Electronic Components Datasheet Search
  English  ▼

X  

TLC59581 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59581
Description  48-Channel, 16-Bit ES-PWM LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59581 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC59581 Datasheet HTML 7Page - Texas Instruments TLC59581 Datasheet HTML 8Page - Texas Instruments TLC59581 Datasheet HTML 9Page - Texas Instruments TLC59581 Datasheet HTML 10Page - Texas Instruments TLC59581 Datasheet HTML 11Page - Texas Instruments TLC59581 Datasheet HTML 12Page - Texas Instruments TLC59581 Datasheet HTML 13Page - Texas Instruments TLC59581 Datasheet HTML 14Page - Texas Instruments TLC59581 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
0
5
10
15
20
25
30
±40
±20
0
20
40
60
80
100
120
Ambient Temperature (
ƒC)
Vcc=3 V
Vcc=4 V
Vcc=5.5 V
C009
V
CC = 3 V
V
CC = 4 V
V
CC = 5.5 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
±40
±20
0
20
40
60
80
100
120
Ambient Temperature (
ƒC)
Vcc=3V
Vcc=4V
Vcc=5.5V
C010
V
CC = 3 V
V
CC = 4 V
V
CC = 5.5 V
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
8
Brightness Control Data (Decimal)
1 mA
5 mA
10 mA
20 mA
25 mA
C007
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
Output Current (mA)
Vcc=3.3 V
Vcc=5 V
C008
V
CC = 3.3 V
V
CC = 5 V
TLC59581, TLC59582
www.ti.com
SLVSCZ9A – OCTOBER 2015 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
VCC = 3.3 V and TA = 25°C, unless otherwise noted.
VCC = 5 V
VOUTXn = 0.8 V
CCR/G/B = 1FFh
VOUTXn = 0.8 V
GCLK = 33 MHz,
CCR/G/B = 1FFh,
GSXn = FFFFh
BC = 0
Figure 8. Supply Current (Icc) vs Output Current
Figure 7. Brightness Control (BC) vs Output Current
VOUTXn = 0.8 V
CCR/G/B = 137h,
GSXn = FFFFh,
VOUTXn = 0.8 V
CCR/G/B = 137h,
GCLK = GND,
BC = 4, GCLK = 33
RIREF = 7.5 kΩ (10-
BC = 4
GSXn = 0h
MHz
mA target)
Figure 9. Supply Current (Icc) vs Temperature
Figure 10. Supply Current in Power Save Mode (Icc)
vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
TLC59582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com