Electronic Components Datasheet Search
  English  ▼

X  

TPS23751PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23751PWPR
Description  Wide Range High Efficiency DC-DC Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23751PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS23751PWPR Datasheet HTML 17Page - Texas Instruments TPS23751PWPR Datasheet HTML 18Page - Texas Instruments TPS23751PWPR Datasheet HTML 19Page - Texas Instruments TPS23751PWPR Datasheet HTML 20Page - Texas Instruments TPS23751PWPR Datasheet HTML 21Page - Texas Instruments TPS23751PWPR Datasheet HTML 22Page - Texas Instruments TPS23751PWPR Datasheet HTML 23Page - Texas Instruments TPS23751PWPR Datasheet HTML 24Page - Texas Instruments TPS23751PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
TPS23751, TPS23752
www.ti.com
SLVSB97D – JULY 2012 – REVISED JANUARY 2016
Device Functional Modes (continued)
The PD input, typically an RJ-45 eight-lead connector, is referred to as the power interface (PI). PD input
requirements differ from PSE output requirements to account for voltage drops and operating margin. The
standard allots the maximum loss to the cable regardless of the actual installation to simplify implementation.
IEEE 802.3-2008 was designed to run over infrastructure including ISO/IEC 11801 class C (CAT3 per TIA/EIA-
568) that may have had AWG 26 conductors. IEEE 802.3at type 2 cabling power loss allotments and voltage
drops have been adjusted for 12.5
Ω power loops per ISO/IEC11801 class D (CAT5 or higher per TIA/EIA-568,
typically AWG 24 conductors). Table 2 shows key operational limits broken out for the two revisions of the
standard.
Table 2. Comparison of Operational Limits
Power Loop
PSE Static
Static PD Input Voltage
PSE Output
PD Input
Resistance
Output
Standard
Power (min)
Power (max)
Power
≤ 12.95W
Power > 12.95W
(max)
Voltage (min)
IEEE802.3at-2008
20
Ω
15.4W
44 V
12.95W
37 V – 57 V
N/A
802.3at (Type 1)
802.3at (Type 2)
12.5
Ω
30W
50 V
25.5W
37 V – 57 V
42.5 V – 57 V
The PSE can apply voltage either between the RX and TX pairs (pins 1 - 2 and 3 - 6 for 10baseT or 100baseT),
or between the two spare pairs (4 - 5 and 7 - 8). Power application to the same pin combinations in 1000baseT
systems is recognized in IEEE 802.3at. 1000baseT systems can handle data on all pairs, eliminating the spare
pair terminology. The PSE may only apply voltage to one set of pairs at a time. The PD uses input diode bridges
to accept power from any of the possible PSE configurations. The voltage drops associated with the input
bridges create a difference between the standard limits at the PI and the TPS23751 and TPS23752
specifications.
A compliant type 2 PD has power management requirements not present with a type 1 PD. These requirements
include the following:
1. Must interpret type 2 hardware classification,
2. Must present hardware class 4,
3. Must implement DLL negotiation,
4. Must behave like a type 1 PD during inrush and startup,
5. Must not draw more than 13W for 80ms after the PSE applies operating voltage (power-up),
6. Must not draw more than 13W if it has not received a type 2 hardware classification or received permission
through DLL,
7. Must meet various operating and transient templates, and
8. Optionally monitor for the presence or absence of an adapter (assume high power).
As a result of these requirements, the PD must be able to dynamically control its loading, and monitor T2P for
changes. In cases where the design needs to know specifically if an adapter is plugged in and operational, the
adapter should be individually monitored, typically with an optocoupler.
7.4.1.1 Threshold Voltages
The TPS23751 and TPS23752 have a number of internal comparators with hysteresis for stable switching
between the various states. Figure 23 relates the parameters in the Electrical Characteristics section to the PoE
states. The mode labeled Idle between Classification and Operation implies that the DEN, CLS, and RTN pins
are all high impedance. The state labeled Mark, which is drawn in dashed lines, is part of the new type 2
hardware class state machine.
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS23751 TPS23752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com